Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4523 Fiches technique(PDF) 1 Page - Transcom, Inc.

No de pièce TC4523
Description  13.75 - 14.5 GHz 0.5W MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC4523 Fiches technique(HTML) 1 Page - Transcom, Inc.

  TC4523 Datasheet HTML 1Page - Transcom, Inc. TC4523 Datasheet HTML 2Page - Transcom, Inc. TC4523 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC4523
PRE1_20040903
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
13.75 - 14.5 GHz 0.5W MMIC
FEATURES
PHOTO ENLARGEMENT
! P
-1 dB: 27 dBm
! Small Signal Gain: 28 dB
! IP3: 36 dBm
! Match to 50
Ω Operation
! Bias condition:550 mA @ 7 V
DESCRIPTION
The TC4523 is a 4 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, Ku band
applications. The MMIC is matched to 50ohm operation. No external matching component is required. It provides a
typical gain of 28 dB and P1 dB power of more than 27 dBm. Typical bias condition is 7V at 550 mA. The MMIC is a
packaged in a copper based ceramic 6 pins power package. The copper based carrier of the package allows direct
soldering of the device to the PCB for proper heat sinking.
APPLICATIONS
! Ku Band VSAT Transmit Subsystem
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
13.75
14.5
GHz
SSG
Small Signal Gain
28
32
dB
P-1 dB
Output Power at 1 dB Gain Compression
26
27
dBm
P-3 dB
Output Power at 3 dB Gain Compression
27
28
dBm
IP3
Third Order Intercept Point
35
36
dBm
VSWR, In
Input VSWR
2.5:1
-
VSWR, Out Output VSWR
2:1
VDD
Supply Voltage
7
Volt
Vg
Gate Voltage
-0.5
-1.0
-1.5
Volt
IDD
Current Supply Without RF
550
mA
IDP-1
Current Supply @ Pout = P-1 dB
600
mA
Absolute Maximum Ratings
Symbol Parameter/Conditions
Min.
Max.
Units
Vdd
Drain-Source Voltage
12
Volts
Idd
Total Drain Current
1000
mA
Pin
RF Input Power
11
dBm
Pt
Power Dissipation
6
W
Tch
Operating Channel Temperature
175
°C
Note:
1. This GaAs MMIC is susceptible to damage from
Electrostatic Discharge. Proper precautions
should be used when handling these devices.
2. Specifications subject to change without notice.
TSTG
Storage Temperature
-65
175
°C


Numéro de pièce similaire - TC4523

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4520 TOSHIBA-TC4520 Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
TC4520BF TOSHIBA-TC4520BF Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
TC4520BF TOSHIBA-TC4520BF Datasheet
470Kb / 11P
   Dual Binary Up Counter
TC4520BFN TOSHIBA-TC4520BFN Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
TC4520BFN TOSHIBA-TC4520BFN Datasheet
470Kb / 11P
   Dual Binary Up Counter
More results

Description similaire - TC4523

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
logo
Tyco Electronics
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com