Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC4256B-3TN100C Fiches technique(PDF) 10 Page - Lattice Semiconductor

No de pièce LC4256B-3TN100C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-3TN100C Fiches technique(HTML) 10 Page - Lattice Semiconductor

Back Button LC4256B-3TN100C Datasheet HTML 6Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 7Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 8Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 9Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 10Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 11Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 12Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 13Page - Lattice Semiconductor LC4256B-3TN100C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
10
Table 7. ORP Combinations for I/O Blocks with 16 I/Os
Table 8. ORP Combinations for I/O Blocks with 4 I/Os
Table 9. ORP Combinations for I/O Blocks with 10 I/Os
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M1, M2, M3, M4, M5, M6, M7, M8
I/O 2
M2, M3, M4, M5, M6, M7, M8, M9
I/O 3
M3, M4, M5, M6, M7, M8, M9, M10
I/O 4
M4, M5, M6, M7, M8, M9, M10, M11
I/O 5
M5, M6, M7, M8, M9, M10, M11, M12
I/O 6
M6, M7, M8, M9, M10, M11, M12, M13
I/O 7
M7, M8, M9, M10, M11, M12, M13, M14
I/O 8
M8, M9, M10, M11, M12, M13, M14, M15
I/O 9
M9, M10, M11, M12, M13, M14, M15, M0
I/O 10
M10, M11, M12, M13, M14, M15, M0, M1
I/O 11
M11, M12, M13, M14, M15, M0, M1, M2
I/O 12
M12, M13, M14, M15, M0, M1, M2, M3
I/O 13
M13, M14, M15, M0, M1, M2, M3, M4
I/O 14
M14, M15, M0, M1, M2, M3, M4, M5
I/O 15
M15, M0, M1, M2, M3, M4, M5, M6
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M4, M5, M6, M7, M8, M9, M10, M11
I/O 2
M8, M9, M10, M11, M12, M13, M14, M15
I/O 3
M12, M13, M14, M15, M0, M1, M2, M3
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M2, M3, M4, M5, M6, M7, M8, M9
I/O 2
M4, M5, M6, M7, M8, M9, M10, M11
I/O 3
M6, M7, M8, M9, M10, M11, M12, M13
I/O 4
M8, M9, M10, M11, M12, M13, M14, M15
I/O 5
M10, M11, M12, M13, M14, M15, M0, M1
I/O 6
M12, M13, M14, M15, M0, M1, M2, M3
I/O 7
M14, M15, M0, M1, M2, M3, M4, M5
I/O 8
M2, M3, M4, M5, M6, M7, M8, M9
I/O 9
M10, M11, M12, M13, M14, M15, M0, M1


Numéro de pièce similaire - LC4256B-3TN100C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4256B-3T100C LATTICE-LC4256B-3T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-3T176C LATTICE-LC4256B-3T176C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Description similaire - LC4256B-3TN100C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com