Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC4256B-5FN256AC1 Fiches technique(PDF) 4 Page - Lattice Semiconductor

No de pièce LC4256B-5FN256AC1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-5FN256AC1 Fiches technique(HTML) 4 Page - Lattice Semiconductor

  LC4256B-5FN256AC1 Datasheet HTML 1Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 2Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 3Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 4Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 5Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 6Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 7Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 8Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
4
Figure 2. Generic Logic Block
AND Array
The programmable AND Array consists of 36 inputs and 83 output product terms. The 36 inputs from the GRP are
used to form 72 lines in the AND Array (true and complement of the inputs). Each line in the array can be con-
nected to any of the 83 output product terms via a wired-AND. Each of the 80 logic product terms feed the logic
allocator with the remaining three control product terms feeding the Shared PT Clock, Shared PT Initialization and
Shared PT OE. The Shared PT Clock and Shared PT Initialization signals can optionally be inverted before being
fed to the macrocells.
Every set of five product terms from the 80 logic product terms forms a product term cluster starting with PT0.
There is one product term cluster for every macrocell in the GLB. Figure 3 is a graphical representation of the AND
Array.
36 Inputs
from GRP
To GRP
To
Product Term
Output Enable
Sharing
1+OE
Clock
Generator
1+OE
1+OE
1+OE
1+OE
1+OE
1+OE
1+OE


Numéro de pièce similaire - LC4256B-5FN256AC1

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4256B-5F256AC LATTICE-LC4256B-5F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256AI LATTICE-LC4256B-5F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BC LATTICE-LC4256B-5F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BI LATTICE-LC4256B-5F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Description similaire - LC4256B-5FN256AC1

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com