Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AH5X2BTAY Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STM8AH5X2BTAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AH5X2BTAY Fiches technique(HTML) 1 Page - STMicroelectronics

  STM8AH5X2BTAY Datasheet HTML 1Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 2Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 3Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 4Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 5Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 6Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 7Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 8Page - STMicroelectronics STM8AH5X2BTAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
August 2008
Rev 2
1/100
1
STM8AF61xx, STM8H61xx
STM8AF51xx, STM8AH51xx
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM,
10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Features
Core
Max fCPU: 24 MHz
Advanced STM8A core with Harvard
architecture and 3-stage pipeline
Average 1.6 cycles/instruction resulting in 10
MIPS at 16 MHz fCPU for industry standard
benchmark
Memories
Program memory: 48 to 128 Kbytes Flash; data
retention 20 years at 55 °C after 1 kcycle
Data memory: 1.5 to 2 Kbytes true data
EEPROM; endurance 300 kcycles
RAM: 3 to 6 Kbytes
Clock management
Low power crystal resonator oscillator with
external clock input
Internal, user-trimmable 16 MHz RC and low
power 128 kHz RC oscillators
Clock security system with clock monitor
Reset and supply management
Multiple low power modes (wait, slow, auto
wake-up, halt) with user definable clock gating
Low consumption power-on and power-down
reset
Interrupt management
Nested interrupt controller with 32 interrupt
vectors
Up to 37 external interrupts on 5 vectors
Timers
Up to 2 auto-reload 16-bit PWM timers with up
to 3 CAPCOM channels each (IC, OC or PWM)
Multipurpose timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
8-bit AR system timer with 8-bit prescaler
Auto wake-up timer
2 watchdog timers: Window and standard
Communication interfaces
High speed 1 Mbit/s active CAN 2.0B interface
USART with clock output for synchronous
operation - LIN master mode
LINUART LIN 2.1 compliant, master/slave
modes with automatic resynchronization
SPI interface up to 10 Mbit/s or (fCPU/2)
I2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
10-bit, 3 LSB ADC with up to 16 multiplexed
channels
I/Os
Up to 70 user pins including 10 high sink I/Os
Highly robust I/O design, immune against
current injection
Table 1.
Device summary(1)
1.
This datasheet applies to product versions with and
without data EEPROM. The order code identifier is ‘F’
or ‘H’ respectively, only one of which appears in an
order code.
STM8AF61xx/STM8AH61xx (without CAN)
STM8AF/H61AA, STM8AF/H619A, STM8AF/H61A9,
STM8AF/H6199, STM8AF/H6189, STM8AF/H6179,
STM8AF/H6169, STM8AF/H61A8, STM8AF/H6198,
STM8AF/H6188, STM8AF/H6178, STM8AF/H6186,
STM8AF/H6176
STM8AF51xx/STM8AH51xx (with CAN)
STM8AF/H51AA, STM8AF/H519A, STM8AF/H51A9,
STM8AF/H5199, STM8AF/H5189, STM8AF/H5179,
STM8AF/H5169, STM8AF/H51A8, STM8AF/H5198,
STM8AF/H5188, STM8AF/H5178
LQFP80 14x14
LQFP48 7x7
LQFP32 7x7
LQFP64 10x10
www.st.com


Numéro de pièce similaire - STM8AH5X2BTAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM8A STMICROELECTRONICS-STM8A Datasheet
153Kb / 3P
   STM8A/128-EVAL evaluation board
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
   STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
STM8A-EVAL STMICROELECTRONICS-STM8A-EVAL Datasheet
250Kb / 4P
   STM8A/128-EVAL evaluation board
September 2013 Rev 2
STM8A/128-EVAL STMICROELECTRONICS-STM8A/128-EVAL Datasheet
250Kb / 4P
   STM8A/128-EVAL evaluation board
September 2013 Rev 2
STM8AF/P6346 STMICROELECTRONICS-STM8AF/P6346 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
More results

Description similaire - STM8AH5X2BTAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
   Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
   Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
October 2017 Rev 1
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
   Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I짼C, 3 to 5.5 V
April 2020
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com