Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7496 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TDA7496
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Fiches technique(HTML) 4 Page - STMicroelectronics

  TDA7496_03 Datasheet HTML 1Page - STMicroelectronics TDA7496_03 Datasheet HTML 2Page - STMicroelectronics TDA7496_03 Datasheet HTML 3Page - STMicroelectronics TDA7496_03 Datasheet HTML 4Page - STMicroelectronics TDA7496_03 Datasheet HTML 5Page - STMicroelectronics TDA7496_03 Datasheet HTML 6Page - STMicroelectronics TDA7496_03 Datasheet HTML 7Page - STMicroelectronics TDA7496_03 Datasheet HTML 8Page - STMicroelectronics TDA7496_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TDA7496
4/11
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of figure 1.
Different values can be used, the following table can help the designer.
Figure 1. Application Circui
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R1
300K
Volume Control Circuit
Larger volume regulation
time
Smaller volume regulation
time
R2
10K
Mute time constant
Larger mute on/off time
Smaller mute on/off time
P1
50K
Volume Control Circuit
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C3
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C4
470
µF
Ripple rejection
Better SVR
Worse SVR
C5
100nF
Volume control time
constant
Larger volume regulation
time
Smaller volume regulation
time
C6
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C7
1
µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C8
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C9
100nF
Supply voltage bypass
Danger of oscillation
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
C2 470nF
INR
30K
VOLUME
OP AMP
+
-
30K
C8 1000
µF
C6 1000
µF
C7
1
µF
R2 10K
5
C3 470nF
INL
8
S_GND
2
14
9
10
12
34
R1 300K
C5
100nF
VOLUME
OUTR
S1 STBY
S2 MUTE
OUTL
11
C4 470
µF
SVR
7
D96AU493D
VS
VAROUT_R
PW_GND
15
13
C9
0.1
µF
C1
1000
µF
+VS
PW_GND
VOL
P1
50K
LOG
+5V
TP1
PW_GND
PW_GND
S_GND
+5V
+5V
VAROUT_L


Numéro de pièce similaire - TDA7496_03

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TDA7496_03

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com