Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4994EIJT Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TS4994EIJT
Description  1.2 W differential input/output audio power amplifier with selectable standby
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994EIJT Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TS4994EIJT Datasheet HTML 4Page - STMicroelectronics TS4994EIJT Datasheet HTML 5Page - STMicroelectronics TS4994EIJT Datasheet HTML 6Page - STMicroelectronics TS4994EIJT Datasheet HTML 7Page - STMicroelectronics TS4994EIJT Datasheet HTML 8Page - STMicroelectronics TS4994EIJT Datasheet HTML 9Page - STMicroelectronics TS4994EIJT Datasheet HTML 10Page - STMicroelectronics TS4994EIJT Datasheet HTML 11Page - STMicroelectronics TS4994EIJT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical characteristics
TS4994FC
8/35
Figure 2.
Current consumption vs. power
supply voltage
Figure 3.
Current consumption vs. standby
voltage
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
No load
Tamb=25
°C
Power Supply Voltage (V)
012
345
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=0V
Standby mode=5V
Vcc = 5V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 4.
Current consumption vs. standby
voltage
Figure 5.
Current consumption vs. standby
voltage
0.0
0.6
1.2
1.8
2.4
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Standby mode=0V
Standby mode=3.3V
Vcc = 3.3V
No load
Tamb=25
°C
Standby Voltage (V)
0.0
0.6
1.2
1.8
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Standby mode=0V
Standby mode=2.6V
Vcc = 2.6V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 6.
Differential DC output voltage vs.
common mode input voltage
Figure 7.
Power dissipation vs. output power
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.01
0.1
1
10
100
1000
Vcc=3.3V
Vcc=2.5V
Vcc=5V
Av = 1
Tamb = 25
°C
Common Mode Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4
Ω
Output Power (W)


Numéro de pièce similaire - TS4994EIJT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994 TI-TS4994 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994IQT STMICROELECTRONICS-TS4994IQT Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994IQT TI-TS4994IQT Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994IST STMICROELECTRONICS-TS4994IST Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
More results

Description similaire - TS4994EIJT

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
AN2474 STMICROELECTRONICS-AN2474 Datasheet
145Kb / 7P
   TS4995 1.2W fully differential audio power amplifier with selectable
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com