Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC139 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 74VHC139
Description  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC139 Fiches technique(HTML) 4 Page - STMicroelectronics

  74VHC139_04 Datasheet HTML 1Page - STMicroelectronics 74VHC139_04 Datasheet HTML 2Page - STMicroelectronics 74VHC139_04 Datasheet HTML 3Page - STMicroelectronics 74VHC139_04 Datasheet HTML 4Page - STMicroelectronics 74VHC139_04 Datasheet HTML 5Page - STMicroelectronics 74VHC139_04 Datasheet HTML 6Page - STMicroelectronics 74VHC139_04 Datasheet HTML 7Page - STMicroelectronics 74VHC139_04 Datasheet HTML 8Page - STMicroelectronics 74VHC139_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74VHC139
4/12
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0 to
5.5
0.7VCC
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0 to
5.5
0.3VCC
0.3VCC
0.3VCC
VOH
High Level Output
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
3.0
IO=-4 mA
2.58
2.48
2.4
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
4.5
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
40
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
A, B to Y
3.3(*)
15
7.2
11.0
1.0
13.0
1.0
13.0
ns
3.3(*)
50
9.7
14.5
1.0
16.5
1.0
16.5
5.0(**)
15
5.0
7.2
1.0
8.5
1.0
8.5
5.0(**)
50
6.5
9.2
1.0
10.5
1.0
10.5
tPLH
tPHL
Propagation Delay
Time
G to Y
3.3(*)
15
6.4
9.2
1.0
11.0
1.0
11.0
ns
3.3(*)
50
8.9
12.7
1.0
14.5
1.0
14.5
5.0(**)
15
4.4
6.3
1.0
7.5
1.0
7.5
5.0(**)
50
5.9
8.3
1.0
9.5
1.0
9.5


Numéro de pièce similaire - 74VHC139_04

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC139FT TOSHIBA-74VHC139FT Datasheet
176Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC139M STMICROELECTRONICS-74VHC139M Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
Fairchild Semiconductor
74VHC139M FAIRCHILD-74VHC139M Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC139M ONSEMI-74VHC139M Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
Fairchild Semiconductor
74VHC139MTC FAIRCHILD-74VHC139MTC Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
More results

Description similaire - 74VHC139_04

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com