Moteur de recherche de fiches techniques de composants électroniques |
|
74V1G126CTR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
74V1G126CTR Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 10 page 74V1G126 2/10 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t Care Z : High Impedance ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 30% to 70% of VCC PIN N° SYMBOL NAME AND FUNCTION 1 1G Output Enable Input 2 1A Data Input 4 1Y Data Output 3 GND Ground (0V) 5 VCC Positive Supply Voltage AG Y XL Z LHL HHH Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 260 °C Symbol Parameter Value Unit VCC Supply Voltage 2to 5.5 V VI Input Voltage 0to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) (VCC =3.3 ± 0.3V) (VCC =5.0 ± 0.5V) 0 to 100 0to 20 ns/V ns/V |
Numéro de pièce similaire - 74V1G126CTR |
|
Description similaire - 74V1G126CTR |