Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDE1787ADP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TDE1787ADP
Description  Interface circuit (relay and Lamp-driver)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1787ADP Fiches technique(HTML) 5 Page - STMicroelectronics

  TDE1787ADP Datasheet HTML 1Page - STMicroelectronics TDE1787ADP Datasheet HTML 2Page - STMicroelectronics TDE1787ADP Datasheet HTML 3Page - STMicroelectronics TDE1787ADP Datasheet HTML 4Page - STMicroelectronics TDE1787ADP Datasheet HTML 5Page - STMicroelectronics TDE1787ADP Datasheet HTML 6Page - STMicroelectronics TDE1787ADP Datasheet HTML 7Page - STMicroelectronics TDE1787ADP Datasheet HTML 8Page - STMicroelectronics TDE1787ADP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TDE1767 - TDE1787
Electrical characteristcs
5/16
Note:
1
The offset voltage given is the maximum value of different input voltage reguired to drive the
output voltage whitin 2 V of the ground or the supply voltage.
2
Input voltage range is indipendent of the supply voltage.
IA
Available alarm output
current
Output source current
VAH = VCC-2.5V
-4
-5
mA
Output sink current
(in thermal shut-down)
VA = 1.4V
510
mA
Ireset
Reset input current
2
40
µA
Vth-reset Reset threhold
1.4
A
Output leakage current
open ground
10
µA
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Numéro de pièce similaire - TDE1787ADP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDE1787ADP STMICROELECTRONICS-TDE1787ADP Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
More results

Description similaire - TDE1787ADP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
   Interface circuit (relay and lamp driver)
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
   Interface circuit - relay and lamp-driver
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
   Interface circuit - relay and lamp-driver
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com