Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2CR12W Fiches technique(PDF) 1 Page - SunLED Corporation

No de pièce LM2CR12W
Description  T-1 3/4 (5mm) SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2CR12W Fiches technique(HTML) 1 Page - SunLED Corporation

  LM2CR12W Datasheet HTML 1Page - SunLED Corporation LM2CR12W Datasheet HTML 2Page - SunLED Corporation LM2CR12W Datasheet HTML 3Page - SunLED Corporation LM2CR12W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number:
LM2CR12W
T-1 3/4 (5mm) SOLID STATE LAMP
Published Date : MAR 26, 2008
Drawing No : SDSA6599
V1
Checked : B.L.LIU
P.1/4
Features
LOW POWER CONSUMPTION.
POPULAR T-1 3/4 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LM2CR12W
Red
AlInGaP
Water Clear
6700
11990
640
20
°
Absolute Maximum Ratings
(TA=25°C)
M2CR
(AlInGaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
84
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
M2CR
(AlInGaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.8
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
630
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
25
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
27
pF
Operating Characteristics
(TA=25°C)
PRELIMINARY SPEC


Numéro de pièce similaire - LM2CR12W

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
LM2CR11W SUNLED-LM2CR11W Datasheet
183Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LM2CR14W SUNLED-LM2CR14W Datasheet
170Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
More results

Description similaire - LM2CR12W

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63SRC KINGBRIGHT-WP63SRC_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63SRD KINGBRIGHT-WP63SRD_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63YT KINGBRIGHT-WP63YT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503SRD KINGBRIGHT-WP1503SRD_15 Datasheet
318Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LGD KINGBRIGHT-WP7113LGD_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LID KINGBRIGHT-WP7113LID_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LZGCK KINGBRIGHT-WP7113LZGCK_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com