Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2BG81W Fiches technique(PDF) 4 Page - SunLED Corporation

No de pièce LM2BG81W
Description  8mm ROUND LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2BG81W Fiches technique(HTML) 4 Page - SunLED Corporation

  LM2BG81W Datasheet HTML 1Page - SunLED Corporation LM2BG81W Datasheet HTML 2Page - SunLED Corporation LM2BG81W Datasheet HTML 3Page - SunLED Corporation LM2BG81W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : MAR 25,2008
Drawing No : SDSA6541
V1
Checked : B.L.LIU
P.4/4
Part Number:
LM2BG81W
8mm ROUND LED LAMP
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
LM2BG81W
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.28 08:17:49
+08'00'


Numéro de pièce similaire - LM2BG81W

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
LM2BG01W SUNLED-LM2BG01W Datasheet
191Kb / 4P
   10mm SOLID STATE LAMP
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
   OVAL LED LAMP
LM2BG11W SUNLED-LM2BG11W Datasheet
187Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LM2BG12W SUNLED-LM2BG12W Datasheet
184Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP
LM2BG14W SUNLED-LM2BG14W Datasheet
175Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
More results

Description similaire - LM2BG81W

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-J4 KINGBRIGHT-WP793SRC-J4 Datasheet
338Kb / 5P
   8mm Round LED Lamp
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-D KINGBRIGHT-WP793SRD-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
logo
SunLED Corporation
LUS81D SUNLED-LUS81D Datasheet
179Kb / 4P
   8mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com