Moteur de recherche de fiches techniques de composants électroniques |
|
STGW30NB60H Fiches technique(PDF) 3 Page - STMicroelectronics |
|
STGW30NB60H Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 8 page ELECTRICAL CHARACTERISTICS (continued) SWITCHING OFF Symbol Parameter Test Conditions Min. Typ. Max. Unit tc tr(voff) td (off) tf Eoff(**) Ets Cross-O ver Time Off Volt age Rise Time Delay Time Fall T ime Turn-off Swit ching Loss Tot al Switching Loss VCC =480 V IC =30 A RGE =10 Ω VGE =15 V 150 40 210 90 1.10 1.8 ns ns ns ns mJ mJ tc tr(voff) td (off) tf Eoff(**) Ets Cross-O ver Time Off Volt age Rise Time Delay Time Fall T ime Turn-off Swit ching Loss Tot al Switching Loss VCC = 480 V I C =30 A RGE =10 Ω VGE =15 V Tj = 125 oC 250 70 250 160 1.6 2.45 ns ns ns ns mJ mJ ( •) Pulse width limited by max. junction temperature ( ∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % (**)Losses Include Also The Tail (Jedec Standardization) Thermal Impedance STGW30NB60H 3/8 |
Numéro de pièce similaire - STGW30NB60H |
|
Description similaire - STGW30NB60H |