Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AC04MDREP Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74AC04MDREP Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 5 page SN74AC04EP HEX INVERTER SCAS717 − OCTOBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 3 V 2.9 2.99 2.9 IOH = −50 µA 4.5 V 4.4 4.49 4.4 VOH IOH = −50 µA 5.5 V 5.4 5.49 5.4 V VOH IOH = −12 mA 3 V 2.56 2.4 V IOH = −24 mA 4.5 V 3.86 3.7 IOH = −24 mA 5.5 V 4.86 4.7 3 V 0.002 0.1 0.1 IOL = 50 µA 4.5 V 0.001 0.1 0.1 VOL IOL = 50 µA 5.5 V 0.001 0.1 0.1 V VOL IOL = 12 mA 3 V 0.36 0.5 V IOL = 24 mA 4.5 V 0.36 0.5 IOL = 24 mA 5.5 V 0.36 0.5 II VI = VCC or GND 5.5 V ±0.1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 2 40 µA Ci VI = VCC or GND 2.8 pF switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX MIN MAX UNIT tPLH A Y 1.5 4.5 9 1 11 ns tPHL A Y 1.5 4.5 8.5 1 10 ns switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX MIN MAX UNIT tPLH A Y 1.5 4 7 1 8.5 ns tPHL A Y 1.5 3.5 6.5 1 7.5 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 1 MHz 45 pF |
Numéro de pièce similaire - SN74AC04MDREP |
|
Description similaire - SN74AC04MDREP |