Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F400BB-45EI0 Fiches technique(PDF) 7 Page - Advanced Micro Devices |
|
AM29F400BB-45EI0 Fiches technique(HTML) 7 Page - Advanced Micro Devices |
7 / 42 page 6 Am29F400B CONNECTION DIAGRAMS This device is also available in Known Good Die (KGD) form. Refer to publication number 21258 for more information. PIN CONFIGURATION A0–A17 = 18 addresses DQ0–DQ14 = 15 data inputs/outputs DQ15/A-1 = DQ15 (data input/output, word mode), A-1 (LSB address input, byte mode) BYTE# = Selects 8-bit or 16-bit mode CE# = Chip enable OE# = Output enable WE# = Write enable RESET# = Hardware reset pin, active low RY/BY# = Ready/Busy# output VCC = +5.0 V single power supply (see Product Selector Guide for device speed ratings and voltage supply tolerances) VSS = Device ground NC = Pin not connected internally LOGIC SYMBOL 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 NC RY/BY# A17 A7 A6 A5 A4 A3 A2 A1 A0 CE# VSS OE# DQ0 DQ8 DQ1 DQ9 DQ2 DQ10 DQ3 DQ11 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 RESET# WE# A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE# VSS DQ15/A-1 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VCC SO 18 16 or 8 DQ0–DQ15 (A-1) A0–A17 CE# OE# WE# RESET# BYTE# RY/BY# |
Numéro de pièce similaire - AM29F400BB-45EI0 |
|
Description similaire - AM29F400BB-45EI0 |