Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC251G1DXXX-16CA Fiches technique(PDF) 6 Page - TEMIC Semiconductors

No de pièce TSC251G1DXXX-16CA
Description  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC251G1DXXX-16CA Fiches technique(HTML) 6 Page - TEMIC Semiconductors

Back Button TSC251G1DXXX-16CA Datasheet HTML 2Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 3Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 4Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 5Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 6Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 7Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 8Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 9Page - TEMIC Semiconductors TSC251G1DXXX-16CA Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
TSC87251G1A
6
Rev. A
September 21, 1998
Alternate
Function
Description
Type
Signal
Name
ECI
O
PCA External Clock input
ECI is the external clock input to the 16–bit PCA timer.
P1.2
MISO
I/O
SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When SPI is in slave
mode, MISO outputs data to the master controller.
P1.5
MOSI
I/O
SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral. When SPI is in slave
mode, MOSI receives data from the master controller.
P1.7
INT1:0#
I
External Interrupts 0 and 1.
INT1#/INT0# inputs set IE1:0 in the TCON register. If bits IT1:0 in the TCON register are set,
bits IE1:0 are set by a falling edge on INT1#/INT0#. If bits IT1:0 are cleared, bits IE1:0 are set
by a low level on INT1#/INT0#
P3.3:2
P0.0:7
I/O
Port 0
P0 is an 8–bit open–drain bidirectional I/O port.
AD7:0
P1.0:7
I/O
Port 1
P1 is an 8–bit bidirectional I/O port with internal pull–ups. P1 provides interrupt capability for
a keyboard interface.
P2.0:7
I/O
Port 2
P2 is an 8–bit bidirectional I/O port with internal pull–ups.
A15:8
P3.0:7
I/O
Port 3
P3 is an 8–bit bidirectional I/O port with internal pull–ups.
PROG#
O
Programming Pulse input
The programming pulse is applied to this input for programming the on–chip EPROM/
OTPROM.
PSEN#
O
Program Store Enable/Read signal output
PSEN# is asserted for a memory address range that depends on bits RD0 and RD1 in UCON-
FIG0 byte (see Table 13).
RD#
O
Read or 17th Address Bit (A16)
Read signal output to external data memory depending on the values of bits RD0 and RD1 in
UCONFIG0 byte (see Table 13).
P3.7
RST
I
Reset input to the chip
Holding this pin high for 64 oscillator periods while the oscillator is running resets the device.
The Port pins are driven to their reset conditions when a voltage greater than VIH1 is applied,
whether or not the oscillator is running.
This pin has an internal pull-down resistor which allows the device to be reset by connecting a
capacitor between this pin and VDD.
Asserting RST when the chip is in Idle mode or Power–Down mode returns the chip to normal
operation.
RXD
I/O
Receive Serial Data
RXD sends and receives data in serial I/O mode 0 and receives data in serial modes I/O 1, 2 and 3.
P3.0
SCL
I/O
I2C Serial Clock
SCL outputs the serial clock to slave peripherals.
P1.6
SCK
I/O
SPI Serial Clock
SCK outputs clock to the slave peripheral.
P1.6
SDA
I/O
I2C Serial Data
SDA is the bidirectional I2C data line.
P1.7
T1:0
I/O
Timer 1:0 External Clock Inputs
When timer 1:0 operates as a counter, a falling edge on the T1:0 pin increments the count.


Numéro de pièce similaire - TSC251G1DXXX-16CA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC251G2DXXX-16CB ATMEL-TSC251G2DXXX-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CB ATMEL-TSC251G2DXXX-24CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CE ATMEL-TSC251G2DXXX-24CE Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IA ATMEL-TSC251G2DXXX-24IA Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IB ATMEL-TSC251G2DXXX-24IB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Description similaire - TSC251G1DXXX-16CA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com