Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS83C51RD2-LIE Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce TS83C51RD2-LIE
Description  High Performance 8-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83C51RD2-LIE Fiches technique(HTML) 2 Page - ATMEL Corporation

  TS83C51RD2-LIE Datasheet HTML 1Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 2Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 3Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 4Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 5Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 6Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 7Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 8Page - ATMEL Corporation TS83C51RD2-LIE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
2
TS8xC51Rx2
4188A–8051–10/02
Block Diagram
PDIL40
PLCC44
VQFP44 1.4
ROM (bytes)
EPROM (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
TS80C51RA2
TS80C51RD2
0
0
0
0
256
768
512
1024
32
32
TS83C51RB2
TS83C51RC2
TS83C51RD2
16k
32k
64k
0
0
0
256
256
768
512
512
1024
32
32
32
TS87C51RB2
TS87C51RC2
TS87C51RD2
0
0
0
16k
32k
64k
256
256
768
512
512
1024
32
32
32
PLCC68
VQFP64 1.4
ROM (bytes)
EPROM (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
TS80C51RD2
0
0
768
1024
48
TS83C51RD2
64k
0
768
1024
48
TS87C51RD2
0
64k
768
1024
48
Timer 0
INT
RAM
256x8
WR
RD
EA/VPP
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(3)
(3)
C51
CORE
(3) (3)
(3) (3)
Port 0Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
256/768x8
IB-bus
PCA
PROG
Watch
Dog
(3)
(3)
(1)
(1): Alternate function of Port 1
(3): Alternate function of Port 3
(1)
Timer2
(1)
(1)
Port 5
Port 4
(2): Only available on high pin count packages
(2)
(2)
ROM
/EPROM
0/16/32/64Kx8


Numéro de pièce similaire - TS83C51RD2-LIE

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
TS83C51RD2-LIE IRF-TS83C51RD2-LIE Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RD2-LIE ATMEL-TS83C51RD2-LIE Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Description similaire - TS83C51RD2-LIE

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com