Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD5NB20 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STD5NB20
Description  N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NB20 Fiches technique(HTML) 5 Page - STMicroelectronics

  STD5NB20 Datasheet HTML 1Page - STMicroelectronics STD5NB20 Datasheet HTML 2Page - STMicroelectronics STD5NB20 Datasheet HTML 3Page - STMicroelectronics STD5NB20 Datasheet HTML 4Page - STMicroelectronics STD5NB20 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
.
STD5NB20
5/5


Numéro de pièce similaire - STD5NB20

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
   N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
More results

Description similaire - STD5NB20

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
   N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
   N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
   N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
   N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
logo
Intersil Corporation
JANSR2N7396 INTERSIL-JANSR2N7396 Datasheet
44Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com