Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD3N25 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STD3N25
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3N25 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STD3N25 Datasheet HTML 2Page - STMicroelectronics STD3N25 Datasheet HTML 3Page - STMicroelectronics STD3N25 Datasheet HTML 4Page - STMicroelectronics STD3N25 Datasheet HTML 5Page - STMicroelectronics STD3N25 Datasheet HTML 6Page - STMicroelectronics STD3N25 Datasheet HTML 7Page - STMicroelectronics STD3N25 Datasheet HTML 8Page - STMicroelectronics STD3N25 Datasheet HTML 9Page - STMicroelectronics STD3N25 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
D
L
L2
L1
H
TO-251 (IPAK) MECHANICAL DATA
0068771-E
STD3N25
8/10


Numéro de pièce similaire - STD3N25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD3N30 STMICROELECTRONICS-STD3N30 Datasheet
143Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
logo
VBsemi Electronics Co.,...
STD3N40K3 VBSEMI-STD3N40K3 Datasheet
1Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STD3N62K3 STMICROELECTRONICS-STD3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results

Description similaire - STD3N25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com