Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSR13H334K Fiches technique(PDF) 7 Page - Cornell Dubilier Electronics

No de pièce CSR13H334K
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDE [Cornell Dubilier Electronics]
Site Internet  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13H334K Fiches technique(HTML) 7 Page - Cornell Dubilier Electronics

  CSR13H334K Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13H334K Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
Ratings
*
Failure rate level indicator
(M, P, R, S)
+ D failure rate: Not QPL for +8305 thru +8401
+ C failure rate: Not QPL for +7390 thru +7401
MIL-C-39003/1 (CSR13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number
Tol. ±
Code @ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
100 WVdc @ +85 ºC — 67 WVdc @ +125 ºC
0.015 CSR13J153K*
10
A
0.3
2
2432
2672
2912
3152
6320
7320
+8320
0.015 CSR13J153M*
20
A
0.3
2
2433
2673
2913
3153
6321
7321
+8321
0.018 CSR13J183K*
10
A
0.3
2
2434
2674
2914
3154
6323
7323
+8323
0.022 CSR13J223K*
10
A
0.3
2
2435
2675
2915
3155
6325
7325
+8325
0.022 CSR13J223M*
20
A
0.3
2
2436
2676
2916
3156
6326
7326
+8326
0.27
CSR13J274K*
10
A
0.3
2
2455
2695
2935
3175
6358
7358
+8358
0.33
CSR13J334K*
10
A
0.3
2
2456
2696
2936
3176
6360
7360
+8360
0.33
CSR13J334M*
20
A
0.3
2
2457
2697
2937
3177
6361
7361
+8361
0.39
CSR13J394K*
10
A
0.3
2
2458
2698
2938
3178
6363
7363
+8363
0.47
CSR13J474K*
10
A
0.3
2
2459
2699
2939
3179
6365
7365
+8365
0.47
CSR13J474M*
20
A
0.3
2
2460
2700
2940
3180
6366
7366
+8366
0.56
CSR13J564K*
10
A
0.3
2
2461
2701
2941
3181
6368
7368
+8368
0.68
CSR13J684K*
10
B
0.3
2
2462
2702
2942
3182
6370
7370
+8370
0.68
CSR13J684M*
20
B
0.3
2
2463
2703
2943
3183
6371
7371
+8371
0.82
CSR13J824K*
10
B
0.4
2
2464
2704
2944
3184
6373
7373
+8373
1.0
CSR13J105K*
10
B
0.5
2
2465
2705
2945
3185
6375
7375
+8375
1.0
CSR13J105M*
20
B
0.5
2
2466
2706
2946
3186
6376
7376
+8376
1.2
CSR13J125K*
10
B
0.5
3
2467
2707
2947
3187
6378
7378
+8378
1.5
CSR13J155K*
10
B
0.7
3
2468
2708
2948
3188
6380
7380
+8380
1.5
CSR13J155M*
20
B
0.7
3
2469
2709
2949
3189
6381
7381
+8381
1.8
CSR13J185K*
10
B
0.7
3
2470
2710
2950
3190
6383
7383
+8383
2.2
CSR13J225K*
10
B
0.9
3
2471
2711
2951
3191
6385
7385
+8385
2.2
CSR13J225M*
20
B
0.9
3
2472
2712
2952
3192
6386
7386
+8386
2.7
CSR13J275K*
10
B
1.1
3
2473
2713
2953
3193
6388
7388
+8388
3.3
CSR13J335K*
10
C
1.5
3
5157
5357
5557
5757
6390
+7390
+8390
3.3
CSR13J335M*
20
C
1.5
3
5158
5358
5558
5758
6391
+7391
+8391
3.9
CSR13J395K*
10
C
1.5
3
5160
5360
5560
5760
6393
+7393
+8393
4.7
CSR13J475K*
10
C
2.5
3
5162
5362
5562
5762
6395
+7395
+8395
4.7
CSR13J475M*
20
C
2.5
3
5163
5363
5563
5763
6396
+7396
+8396
5.6
CSR13J565K*
10
C
2.5
3
5165
5365
5565
5765
6398
+7398
+8398
6.8
CSR13J685K*
10
C
2.5
3
5167
5367
5567
5767
6400
+7400
+8400
6.8
CSR13J685M*
20
C
2.5
3
5168
5368
5568
5768
6401
+7401
+8401


Numéro de pièce similaire - CSR13H334K

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
CSR13B553JA KEMET-CSR13B553JA Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JB KEMET-CSR13B553JB Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JC KEMET-CSR13B553JC Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JD KEMET-CSR13B553JD Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JM KEMET-CSR13B553JM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
More results

Description similaire - CSR13H334K

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com