Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD30NE06 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STD30NE06
Description  N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NE06 Fiches technique(HTML) 3 Page - STMicroelectronics

  STD30NE06 Datasheet HTML 1Page - STMicroelectronics STD30NE06 Datasheet HTML 2Page - STMicroelectronics STD30NE06 Datasheet HTML 3Page - STMicroelectronics STD30NE06 Datasheet HTML 4Page - STMicroelectronics STD30NE06 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD = 30 V
ID = 22 A
RG =4.7
VGS = 10 V
27
100
50
135
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =48V
ID = 45 A
VGS = 10 V
60
18
17
80
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 48 V
ID = 45 A
RG =4.7
Ω VGS = 10 V
20
45
72
27
60
100
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
30
120
A
A
VSD (
∗)
Forward On Voltage
ISD = 45 A
VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 45 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 150
oC
70
210
6
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STD30NE06
3/5


Numéro de pièce similaire - STD30NE06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
286Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252
logo
VBsemi Electronics Co.,...
STD30NE06LT4 VBSEMI-STD30NE06LT4 Datasheet
989Kb / 6P
   N-Channel 60-V (D-S) MOSFET
STD30NE06LT4-CMD30N06 VBSEMI-STD30NE06LT4-CMD30N06 Datasheet
989Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Description similaire - STD30NE06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
   N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET??II POWER MOSFET
January 2003
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
   25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
   N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com