Moteur de recherche de fiches techniques de composants électroniques |
|
930C4P18K-F Fiches technique(PDF) 3 Page - Cornell Dubilier Electronics |
|
930C4P18K-F Fiches technique(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 3 page Type 930 Polypropylene Film Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Catalog Part Number D Max. Inches(mm) L +0.062 (1.5) Inches(mm) ESR 20-100 kHz (milliohms) Maximum Ripple Current (Amps rms) at 20 kHz Cap. (µF) dV/dt (V/µs) Case Temperature +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 400 Vdc (250 Vac) .047 930C4S47K–F .315 (8.0) .750 (19.0) --- 49 .056 930C4S56K–F .315 (8.0) .750 (19.0) --- 49 .068 930C4S68K–F .315 (8.0) .750 (19.0) --- 49 .082 930C4S82K–F .320 (8.1) .750 (19.0) --- 49 .10 930C4P1K–F .348 (8.8) .750 (19.0) --- 49 .12 930C4P12K–F .299 (7.6) 1.000 (25.4) --- 28 .15 930C4P15K–F .335 (8.5) 1.000 (25.4) --- 28 .18 930C4P18K–F .353 (9.0) 1.000 (25.4) --- 28 .22 930C4P22K–F .385 (9.8) 1.000 (25.4) --- 28 .27 930C4P27K–F .421 (10.7) 1.000 (25.4) --- 28 .33 930C4P33K–F .469 (11.9) 1.000 (25.4) --- 28 .39 930C4P39K–F .503 (12.8) 1.000 (25.4) --- 28 .47 930C4P47K–F .545 (13.8) 1.000 (25.4) 32 20 5.7 5.5 5.0 4.4 3.8 3.2 2.2 .56 930C4P56K–F .503 (12.8) 1.260 (32.0) 31 20 5.7 5.7 5.3 4.4 4.1 3.3 2.3 .68 930C4P68K–F .551 (14.0) 1.260 (32.0) 30 20 5.7 5.7 5.5 4.8 4.3 3.5 2.4 .82 930C4P82K–F .599 (15.2) 1.260 (32.0) 28 20 5.7 5.7 5.6 5.3 4.5 3.7 2.6 1.00 930C4W1K–F .655 (16.6) 1.260 (32.0) 27 20 5.7 5.7 5.7 5.7 5.7 4.7 4.3 1.20 930C4W1P2K–F .712 (18.1) 1.260 (32.0) 26 20 6.3 6.2 6.0 5.9 5.8 4.9 4.5 1.50 930C4W1P5K–F .709 (18.0) 1.750 (44.4) 25 13 7.0 6.9 6.7 6.6 6.5 5.2 4.7 1.80 930C4W1P8K–F .716 (18.2) 1.750 (44.4) 23 13 8.0 7.9 7.8 7.7 6.8 5.5 5.0 2.00 930C4W2K–F .752 (19.1) 1.750 (44.4) 21 13 9.0 9.0 9.0 8.0 7.0 5.7 5.2 2.20 930C4W2P2K–F .827 (21.0) 1.750 (44.4) 20 13 9.0 9.0 9.0 8.3 7.4 5.9 5.4 2.70 930C4W2P7K–F .865 (22.0) 1.750 (44.4) 19 13 9.0 9.0 9.0 8.6 7.6 6.0 5.6 3.00 930C4W3K–F .909 (23.1) 1.750 (44.4) 17 13 9.0 9.0 9.0 9.0 7.9 6.4 5.9 3.30 930C4W3P3K–F .951 (24.1) 1.750 (44.4) 16 13 9.0 9.0 9.0 9.0 8.1 6.6 6.3 3.90 930C4W3P9K–F 1.031 (26.2) 1.750 (44.4) 15 13 9.0 9.0 9.0 9.0 8.3 6.8 6.5 630 Vdc (275 Vac) .022 930C6S22K–F .315 (8.0) .750 (19.0) --- 74 .027 930C6S27K–F .315 (8.0) .750 (19.0) --- 74 .033 930C6S33K–F .334 (8.5) .750 (19.0) --- 74 .039 930C6S39K–F .358 (9.1) .750 (19.0) --- 74 .047 930C6S47K–F .388 (9.9) .750 (19.0) --- 74 .056 930C6S56K–F .418 (10.6) .750 (19.0) --- 74 .068 930C6S68K–F .354 (9.0) 1.000 (25.4) --- 43 .082 930C6S82K–F .374 (9.5) 1.000 (25.4) --- 43 .10 930C6P1K–F .433 (11.0) 1.000 (25.4) --- 43 .12 930C6P12K–F .443 (11.2) 1.000 (25.4) --- 43 .15 930C6P15K–F .512 (13.0) 1.260 (32.0) --- 30 .18 930C6P18K–F .538 (13.7) 1.260 (32.0) --- 30 .22 930C6P22K–F .496 (12.6) 1.260 (32.0) --- 30 .27 930C6P27K–F .542 (13.8) 1.260 (32.0) --- 30 .33 930C6P33K–F .593 (15.1) 1.260 (32.0) --- 30 .39 930C6P39K–F .639 (16.2) 1.260 (32.0) --- 30 .47 930C6P47K–F .696 (17.7) 1.457 (37.0) 28 20 6.8 6.3 5.8 5.2 4.5 3.6 2.6 .56 930C6P56K–F .608 (15.4) 1.750 (44.4) 26 19 7.4 6.9 6.3 5.6 4.8 4.0 2.8 .68 930C6P68K–F .709 (18.0) 1.750 (44.4) 25 19 7.8 7.2 6.6 5.9 5.1 4.2 2.9 .82 930C6P82K–F .724 (18.4) 1.750 (44.4) 22 19 8.1 7.5 6.9 6.2 5.3 4.3 3.1 1.00 930C6W1K–F .794 (20.2) 1.850 (47.0) 18 19 8.6 7.9 7.3 6.5 5.6 4.6 3.6 |
Numéro de pièce similaire - 930C4P18K-F |
|
Description similaire - 930C4P18K-F |