Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP120-ACBZ28R7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADP120-ACBZ28R7
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP120-ACBZ28R7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADP120-ACBZ28R7 Datasheet HTML 4Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 5Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 6Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 7Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 8Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 9Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 10Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 11Page - Analog Devices ADP120-ACBZ28R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP120
Rev. A | Page 8 of 20
0.35
0
0.05
0.10
–50
–25
0
25
50
75
100
125
0.15
0.20
0.25
0.30
TEMPERATURE (°C)
2.30V
2.50V
3.00V
3.50V
4.20V
5.50V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
120
80
100
60
40
20
0
1
10
100
ILOAD (mA)
TA = 25°C
VOUT = 2.5V
VOUT = 3.3V
Figure 12. Dropout Voltage vs. Load Current, TSOT, VOUT = 2.5 V and 3.3 V
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
Figure 13. Output Voltage vs. Input Voltage (in Dropout), TSOT, VOUT = 3.3 V
90
80
70
60
50
40
30
20
10
0
1
10
100
ILOAD (mA)
TA = 25°C
VOUT = 2.5V
VOUT = 3.3V
Figure 14. Dropout Voltage vs. Load Current, WLCSP, VOUT = 2.5 V and 3.3 V
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
Figure 15. Output Voltage vs. Input Voltage (in Dropout), WLCSP, VOUT = 3.3 V
60
50
40
30
20
10
0
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
ILOAD @ 1mA
ILOAD @ 10mA
ILOAD @ 20mA
ILOAD @ 50mA
ILOAD @ 100mA
Figure 16. Ground Current vs. Input Voltage (in Dropout)


Numéro de pièce similaire - ADP120-ACBZ28R7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Description similaire - ADP120-ACBZ28R7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com