Moteur de recherche de fiches techniques de composants électroniques |
|
AD5024BRUZ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5024BRUZ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 28 page AD5024/AD5044/AD5064 Rev. 0 | Page 6 of 28 TIMING CHARACTERISTICS All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2. VDD = 4.5 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted. Table 4. Limit at TMIN, TMAX; Parameter1 VDD = 4.5 V to 5.5 V Unit Conditions/Comments t1 20 ns min SCLK cycle time t2 10 ns min SCLK high time t3 10 ns min SCLK low time t4 16.5 ns min SYNC to SCLK falling edge setup time t5 5 ns min Data setup time t6 5 ns min Data hold time t7 0 ns min SCLK falling edge to SYNC rising edge t8 1.9 μs min Minimum SYNC high time (single channel update) 10.5 μs min Minimum SYNC high time (all channel update) t9 17 ns min SYNC rising edge to SCLK fall ignore t10 20 ns min LDAC pulse width low t11 20 ns min SCLK falling edge to LDAC rising edge t12 10 ns min CLR pulse width low t13 10 ns min SCLK falling edge to LDAC falling edge t14 10.6 μs min CLR pulse activation time 1 Guaranteed by design and characterization; not production tested. t4 t3 SCLK SYNC DIN t1 t2 t5 t6 t7 t8 DB23 t9 t10 t11 LDAC1 LDAC2 t13 1ASYNCHRONOUS LDAC UPDATE MODE. 2SYNCHRONOUS LDAC UPDATE MODE. CLR t12 t14 VOUT DB0 Figure 2. Serial Write Operation |
Numéro de pièce similaire - AD5024BRUZ |
|
Description similaire - AD5024BRUZ |