Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61085DGKT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61085DGKT
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61085DGKT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS61085DGKT Datasheet HTML 7Page - Texas Instruments TPS61085DGKT Datasheet HTML 8Page - Texas Instruments TPS61085DGKT Datasheet HTML 9Page - Texas Instruments TPS61085DGKT Datasheet HTML 10Page - Texas Instruments TPS61085DGKT Datasheet HTML 11Page - Texas Instruments TPS61085DGKT Datasheet HTML 12Page - Texas Instruments TPS61085DGKT Datasheet HTML 13Page - Texas Instruments TPS61085DGKT Datasheet HTML 14Page - Texas Instruments TPS61085DGKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Setting the Output Voltage
2
18
70
Vref
R
k
A
m
=
»
W
1
2
1
S
V
R
R
Vref
æ
ö
=
´
-
ç
÷
è
ø
(2)
Compensation (COMP)
IN
S
COMP
125 × V
× V × Cout
R
=
L × Iout_max
S
COMP
COMP
V × Cout
C
=
5 × Iout_max × R
(3)
Input Capacitor Selection
TPS61085
www.ti.com ...................................................................................................................................................................................................... SLVS859 – JUNE 2008
The output voltage is set by an external resistor divider. Typically, a minimum current of 50
µA flowing through
the feedback divider gives good accuracy and noise covering. A standard low side resistor of 18 k
Ω is typically
selected. The resistors are then calculated as:
The regulator loop can be compensated by adjusting the external components connected to the COMP pin. The
COMP pin is the output of the internal transconductance error amplifier. Standard values of RCOMP = 13 kΩ and
CCOMP = 3.3 nF will work for the majority of the applications.
Please refer to Table 3 for dedicated compensation networks giving an improved load transient response. The
following equations can be used to calculate RCOMP and CCOMP:
Table 3. Recommended Compensation Network Values at High/Low Frequency
FREQUENCY
L
VS
VIN ± 20%
RCOMP
CCOMP
5 V
82 k
1.1 nF
15 V
3.3 V
75 k
1.6 nF
5 V
51 k
1.1 nF
High (1.2 MHz)
3.3 µH
12 V
3.3 V
47 k
1.6 nF
5 V
30 k
1.1 nF
9 V
3.3 V
27 k
1.6 nF
5 V
43 k
2.2 nF
15 V
3.3 V
39 k
3.3 nF
5 V
27 k
2.2 nF
Low (650 kHz)
6.8 µH
12 V
3.3 V
24 k
3.3 nF
5 V
15 k
2.2 nF
9 V
3.3 V
13 k
3.3 nF
Table 3 gives conservatives Rcomp and Comp values for certain inductors, input and output voltages providing a
very stable system. For a faster response time, a higher Rcomp value can be used to enlarge the bandwidth, as
well as a slightly lower value of Ccomp to keep enough phase margin. These adjustments should be performed
in parallel with the load transient response monitoring of TPS61085.
For good input voltage filtering low ESR ceramic capacitors are recommended. TPS61085 has an analog input
IN. Therefore, a 1
µF bypass is highly recommended as close as possible to the IC from IN to GND.
One 10
µF ceramic input capacitors are sufficient for most of the applications. For better input voltage filtering
this value can be increased. Refer to Table 4 and typical applications for input capacitor recommendations.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61085


Numéro de pièce similaire - TPS61085DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61085DGKT TI1-TPS61085DGKT Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085DGKTG4 TI1-TPS61085DGKTG4 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results

Description similaire - TPS61085DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61085 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085A-Q1 TI1-TPS61085A-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz and 1.2-MHz, 18.5-V step-up DC/DC converter
TPS61087DRCR TI1-TPS61087DRCR Datasheet
1Mb / 30P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com