Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC1G74RSERG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AUC1G74RSERG4
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G74RSERG4 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AUC1G74RSERG4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G74RSERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
CLR
3
2
5
8
1
CLK
VCC
D
GND
DCUPACKAGE
(TOP VIEW)
Q
PRE
Q
4
6
7
DCTPACKAGE
(TOP VIEW)
3
2
4
5
1
CLK
VCC
PRE
D
GND
Q
CLR
Q
6
7
8
YZPOR YZTPACKAGE
(BOTTOM VIEW)
D
GND
VCC
Q
Q
2
5
3
4
8
6
1
7
CLK
CLR
PRE
RSEPACKAGE
(TOP VIEW)
VCC
GND
4
8
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G74
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCES537D – DECEMBER 2003 – REVISED JUNE 2007
• Available in the Texas Instruments
• Low Power Consumption, 10-μA Max I
CC
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial-Power-Down Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub-1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 1.5 ns at 1.8 V
This single positive-edge-triggered D-type flip-flop is operational at 0.8-V to 2.7-V VCC, but is designed
specifically for 1.65-V to 1.95-V VCC operation.
A low level at the preset (PRE) or clear (CLR) input sets or resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup time
requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs
at a voltage level and is not related directly to the rise time of the clock pulse. Following the hold-time interval,
data at the D input can be changed without affecting the levels at the outputs. To better optimize the flip-flop for
higher frequencies, the CLR input overrides the PRE input when they are both low.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74AUC1G74RSERG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC1G74RSERG4 TI-SN74AUC1G74RSERG4 Datasheet
605Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74RSERG4 TI-SN74AUC1G74RSERG4 Datasheet
736Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Description similaire - SN74AUC1G74RSERG4

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com