Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT16373ADLG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74ABT16373ADLG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 13 page SN54ABT16373A, SN74ABT16373A 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCBS160C – DECEMBER 1992 – REVISED MAY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54ABT16373A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH D Q 1.4 3.7 5.3 1.4 6.5 ns tPHL D Q 2 4 5.4 2 6.5 ns tPLH LE Q 1.7 4.1 5.7 1.7 7 ns tPHL LE Q 2.3 4.3 5.6 2.3 6.3 ns tPZH OE Q 1.1 3.4 5 1.1 6.4 ns tPZL OE Q 1.5 3.5 4.9 1.5 5.8 ns tPHZ OE Q 2.4 5.1 7.1 2.4 8.3 ns tPLZ OE Q 1.6 4.4 6.3 1.6 8 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN74ABT16373A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH D Q 1.4 3.7 5.3 1.4 6.3 ns tPHL D Q 2 4 5.4 2 6.2 ns tPLH LE Q 1.7 4.1 5.7 1.7 6.7 ns tPHL LE Q 2.3 4.3 5.6 2.3 6.1 ns tPZH OE Q 1.1 3.4 5 1.1 6.1 ns tPZL OE Q 1.5 3.5 4.9 1.5 5.6 ns tPHZ OE Q 2.4 5.1 7.1 2.4 8.1 ns tPLZ OE Q 1.6 4.4 5.8 1.6 6.5 ns |
Numéro de pièce similaire - SN74ABT16373ADLG4 |
|
Description similaire - SN74ABT16373ADLG4 |