Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX06 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCX06
Description  Low Voltage Hex Inverter/Buffer with Open Drain Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX06 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCX06_01 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX06_01 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
3-STATE Output High Enable and
Disable TImes for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f = 1MHz, t r = tf = 3ns)
Test
Switch
tPLH, tPHL
OPEN
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


Numéro de pièce similaire - 74LCX06_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_08 Datasheet
329Kb / 8P
   74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
More results

Description similaire - 74LCX06_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_08 Datasheet
329Kb / 8P
   74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
Fairchild Semiconductor
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
Texas Instruments
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com