Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL406G Fiches technique(PDF) 2 Page - TAITRON Components Incorporated

No de pièce TL406G
Description  4A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TL406G Fiches technique(HTML) 2 Page - TAITRON Components Incorporated

  TL406G Datasheet HTML 1Page - TAITRON Components Incorporated TL406G Datasheet HTML 2Page - TAITRON Components Incorporated TL406G Datasheet HTML 3Page - TAITRON Components Incorporated TL406G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/DX 2007-05-01
www.taitroncomponents.com
Page 2 of 4
4A Glass Passivated Bridge Rectifier
TL400G – TL410G
Fig.2-Max. Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
Fig.1-Forward Current Derating Curve
TC, Case Temperature (°C)
Symbol
Description
TL400G
TL401G
TL402G
TL404G
TL406G
TL408G
TL410G
Unit
Conditions
t
Rating for Fusing
(t<8.3ms)
93.3
A²s
Note 1
RthJA
Typical Thermal
Resistance per leg
19
Note 2
RthJL
Typical Thermal
Resistance per leg
2.4
°C / W
Note 3
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: 1.Non-repetitive for t > 1ms and < 8.3ms.
2. Mounted on 75 × 75 × 3.0mm Al. plate.
3. Mounted on PCB at 9.5mm lead length with 12mm² copper pad.
Typical Characteristics Curves


Numéro de pièce similaire - TL406G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TL406G ETC2-TL406G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
More results

Description similaire - TL406G

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
   4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ4 NELLSEMI-KBJ4 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Diodes Incorporated
TT410 DIODES-TT410 Datasheet
541Kb / 5P
   4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
   4A, 400V - 1000V Glass Passivated Bridge Rectifier
TS4K40-A TSC-TS4K40-A Datasheet
462Kb / 5P
   4A, 400V - 800V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com