Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC2100A-30 Fiches technique(PDF) 4 Page - Anaren Microwave

No de pièce XC2100A-30
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100A-30 Fiches technique(HTML) 4 Page - Anaren Microwave

  XC2100A-30 Datasheet HTML 1Page - Anaren Microwave XC2100A-30 Datasheet HTML 2Page - Anaren Microwave XC2100A-30 Datasheet HTML 3Page - Anaren Microwave XC2100A-30 Datasheet HTML 4Page - Anaren Microwave XC2100A-30 Datasheet HTML 5Page - Anaren Microwave XC2100A-30 Datasheet HTML 6Page - Anaren Microwave XC2100A-30 Datasheet HTML 7Page - Anaren Microwave XC2100A-30 Datasheet HTML 8Page - Anaren Microwave XC2100A-30 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Model XC2100A-30
Rev D
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Typical Performance (-55°C, 25°C and 95°C): 2000-2300 MHz
1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Return Loss for XC2100A-30 (Feeding Port 1)
- 55ºC
25ºC
95ºC
1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Return Loss for XC2100A-30 (Feeding Port 2)
- 55ºC
25ºC
95ºC
1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Return Loss for XC2100A-30 (Feeding Port 3)
- 55ºC
25ºC
95ºC
1800 1850 1900 1950 2000 2050 2100 2150 2200 2250 2300
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Return Loss for XC2100A-30 (Feeding Port 4)
- 55ºC
25ºC
95ºC


Numéro de pièce similaire - XC2100A-30

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
XC2100A-30P ANAREN-XC2100A-30P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC2100A-30P ANAREN-XC2100A-30P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC2100A-30S ANAREN-XC2100A-30S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC2100A-30S ANAREN-XC2100A-30S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Description similaire - XC2100A-30

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S Datasheet
671Kb / 22P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com