Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2130J5050A00 Fiches technique(PDF) 3 Page - Anaren Microwave

No de pièce BD2130J5050A00
Description  Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2130J5050A00 Fiches technique(HTML) 3 Page - Anaren Microwave

  BD2130J5050A00 Datasheet HTML 1Page - Anaren Microwave BD2130J5050A00 Datasheet HTML 2Page - Anaren Microwave BD2130J5050A00 Datasheet HTML 3Page - Anaren Microwave BD2130J5050A00 Datasheet HTML 4Page - Anaren Microwave BD2130J5050A00 Datasheet HTML 5Page - Anaren Microwave BD2130J5050A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2130J5050A00
Rev A
Typical Performance: 2400 MHz. to 2500 MHz.


Numéro de pièce similaire - BD2130J5050A00

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
More results

Description similaire - BD2130J5050A00

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD0810J50150A00 ANAREN-BD0810J50150A00 Datasheet
227Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD1722J50150A00 ANAREN-BD1722J50150A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com