Moteur de recherche de fiches techniques de composants électroniques |
|
ES5135GV-12800M Fiches technique(PDF) 1 Page - Ecliptek Corporation |
|
ES5135GV-12800M Fiches technique(HTML) 1 Page - Ecliptek Corporation |
1 / 4 page 3545 CADILLAC AVENUE • COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234 Marketing Bulletin DATE: January 5, 2004 TO: Affected Customers FROM: Mark Stoner RE: Product Termination To all concerned parties, This bulletin is to notify all customers of the termination of the following Ecliptek series effective November 11 th, 2003: Series Description Recommended Replacement EC51 5V 14 Pin DIP TCXO, HCMOS EB51F3 ES51 5V 14 Pin DIP TCXO, Sinewave ES51F3 EC53 3.3V 14 Pin DIP TCXO, HCMOS EB52F3 In compliance with our End of Life (EOL) policy, this will serve as advanced notice of product termination. New orders will not be accepted after February 1 st, 2004, with deliveries to conclude by July 1 st 2004. If there are any questions pertaining to this bulletin, please fell free to contact me. Thank you for your cooperation. Best Regards, Mark W. Stoner Director of Marketing Ecliptek Corporation |
Numéro de pièce similaire - ES5135GV-12800M |
|
Description similaire - ES5135GV-12800M |