Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC2836 Fiches technique(PDF) 1 Page - Isahaya Electronics Corporation

No de pièce MC2836
Description  SMALL-SIGNAL DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISAHAYA [Isahaya Electronics Corporation]
Site Internet  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2836 Fiches technique(HTML) 1 Page - Isahaya Electronics Corporation

  MC2836 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 3Page - Isahaya Electronics Corporation MC2836 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
MC2836 is a super mini package plastic seal type silicon
epitaxial type double diode,especially designed for high speed switching
application.
Due to the small pin capacitance,short switching time(reverse
recovery
time),It is most suitable for high speed switching application and
limitter,clipper application.
FEATURE
●Small pin capacitance
●Quick switching time
●High voltage
●Series connected two elements
●Good two element characteristics
●Double and super mini package for mounting
APPLICATION
For general high speed switching of audio machine,VCR.
Marking
Internal connection
〈SMALL-SIGNAL DIODE〉
MC2836
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(COMMON ANODE)
OUTLINEDRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
RM
Peak reverse voltage
75
V
V
R
DC reverse voltage
50
V
I
FSM
Surge current(1μs)
4
A
I
FM
Peak forward current
300
mA
I
O
Average rectification
current
100
mA
P
T
Total allowance
dissipation(Ta=25℃)
200
mW
T
Junction temperature
+150
Tstg
Storage temperature
-55~+150
JEITA:SC-59
JEDEC:TO-236
resemblance
TERMINAL CONNECTER
①:CATHODE1
②:CATHODE2
③: ANODE(COMMON)
0.5
1.5
0.5
2.5
A 4
①②
①②
ISAHAYA ELECTRONICS CORPORATION
D1
D2


Numéro de pièce similaire - MC2836

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC2836 ETC-MC2836 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulated Diodes
logo
TRANSYS Electronics Lim...
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
MC2836 JIANGSU-MC2836 Datasheet
3Mb / 4P
   SWITCHING DIODE
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836_13 Datasheet
266Kb / 3P
   FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results

Description similaire - MC2836

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com