Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD004-11-41-211 Fiches technique(PDF) 1 Page - Advanced Photonix, Inc.

No de pièce SD004-11-41-211
Description  InGaAs Photodetectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Site Internet  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD004-11-41-211 Fiches technique(HTML) 1 Page - Advanced Photonix, Inc.

  SD004-11-41-211 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
InGaAs Photodetectors
SD 004-11-41-211
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
Ø 0.210 [5.33]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-46 PACKAGE
Ø 0.184 [4.67]
0.145 [3.69]
0.065 [1.66]
0.50 [12.7]
4X Ø 0.019 [0.48]
0.016 [0.40]
0.016 [0.40]
Ø .0079 [.200] ACTIVE AREA
0.029 [0.73]
3 ANODE
SCHEMATIC
4 CASE GROUND
1 CATHODE
Ø 0.055 [1.40]
CHIP
2 NOT USED
1
2
3
4
BOTTOM VIEW
• Low dark current
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+100
°C
TO
Operating Temperature
-40
+85
°C
TS
Soldering Temperature*
+260
°C
SPECTRAL RESPONSE
0
0.2
0.4
0.6
0.8
1
1.2
800
900
1000
1100
1200
1300
1400
1500
1600
1700
Wavelength (nM)
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
* 1/16 inch from case for 3 seconds max.
• Communications
• Industrial
• Medical
The SD 004-11-41-211 is a high sensitivity low noise
characteristics InGaAs photodiode packaged in a
leaded hermetic TO-46 metal package.
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 5V
0.8
1.0
nA
RSH
Shunt Resistance
VR = 10 mV
400
1000
MW
CJ
Junction Capacitance
VR = 5V, f = 1 MHz
0.75
0.95
pF
lrange
Spectral Application Range
Spot Scan
800
1700
nm
R
Responsivity
l= 1310nm, VR = 5V
0.83
0.92
A/W
VBR
Breakdown Voltage
I = 1μA
18
V
NEP
Noise Equivalent Power
VR = 5V @ l=1310nm
1.43X10
-14
W/ √ Hz
tr
Response Time**
RL = 50 Ω,VR = 5V
0.18
nS
**Response time of 10% to 90% is specified at 1310nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 1/16/07


Numéro de pièce similaire - SD004-11-41-211

FabricantNo de pièceFiches techniqueDescription
logo
Luna Innovations Incorp...
SD004-151-001 LUNA-SD004-151-001 Datasheet
139Kb / 2P
   Surface Mount InGaAs Photodetector
More results

Description similaire - SD004-11-41-211

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Photonix, Inc.
SD012-11-41-211 ADVANCEDPHOTONIX-SD012-11-41-211 Datasheet
96Kb / 1P
   InGaAs Photodetectors
SD008-11-41-211 ADVANCEDPHOTONIX-SD008-11-41-211 Datasheet
69Kb / 1P
   InGaAs Photodetectors
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
   InGaAs Photodetectors
logo
List of Unclassifed Man...
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
   SILICON PHOTODETECTORS
OSD1-E ETC1-OSD1-E Datasheet
138Kb / 2P
   Silicon Photodetectors
logo
Hamamatsu Corporation
G4176 HAMAMATSU-G4176 Datasheet
117Kb / 4P
   ULTRAFAST MSM PHOTODETECTORS
logo
Agere Systems
D171 AGERE-D171 Datasheet
160Kb / 6P
   D171-Type FastLight ??PIN Photodetectors
logo
PerkinElmer Optoelectro...
C30807 PERKINELMER-C30807 Datasheet
140Kb / 5P
   N-Type Silicon PIN Photodetectors
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
   Spectral match with silicon photodetectors
logo
Hamamatsu Corporation
G4176E HAMAMATSU-G4176E Datasheet
62Kb / 3P
   ULTRAFAST MSM PHOTODETECTORS G4176 SERIES (GaAs)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com