Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RC0805 Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce RC0805
Description  Thick Film Chip Resistor General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RC0805 Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  RC0805 Datasheet HTML 1Page - TAITRON Components Incorporated RC0805 Datasheet HTML 2Page - TAITRON Components Incorporated RC0805 Datasheet HTML 3Page - TAITRON Components Incorporated RC0805 Datasheet HTML 4Page - TAITRON Components Incorporated RC0805 Datasheet HTML 5Page - TAITRON Components Incorporated RC0805 Datasheet HTML 6Page - TAITRON Components Incorporated RC0805 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. C/JJ 2007-08-10
RC0805
THICK FILM CHIP RESISTOR
GENERAL PURPOSE
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 7
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Thick Film Chip Resistor – General Purpose
Features
• Small and light weight
• Excellent heat resistance and moisture resistance
• Suitable size and packaging for surface mount assembly
• RoHS Compliant
Applications
• For general purpose applications
• For laptop and notebook computer, memory module,
digital camera and telecommunication equipment
Absolute Maximum Ratings & Characteristics
Product
Number
mm Tolerance
Power
Rating
@70˚C
MAX
Working
Voltage
MAX
Overload
Voltage
TCR ppm/℃
Resistance Range
Rated Working
Temperature
±200
1Ω ~ 9.76Ω
±100
10Ω ~ 1MΩ
RC0805
2012
J: ±5%
F: ±1%
1/8W
150V
300V
±200
1.02MΩ ~ 10MΩ
-55℃~+155℃
*Jumper
Product Number
Jumper Rated
Current
Resistance
Rated Working
Temperature
RC0805
2A
50mΩ (max.)
-55℃~+155℃


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RC0402 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC0603 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC1206 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC1210 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC2010 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC2512 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RC0201 Thick Film Chip Resistor General Purpose 1  2  3  4  5  More TAITRON Components Incorporated
RL1206J Thick Film Chip Resistor Low Ohmic 1  2  3  4  5  More TAITRON Components Incorporated

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn