Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RC0201 Fiches technique(PDF) 6 Page - TAITRON Components Incorporated

No de pièce RC0201
Description  Thick Film Chip Resistor General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RC0201 Fiches technique(HTML) 6 Page - TAITRON Components Incorporated

  RC0201 Datasheet HTML 1Page - TAITRON Components Incorporated RC0201 Datasheet HTML 2Page - TAITRON Components Incorporated RC0201 Datasheet HTML 3Page - TAITRON Components Incorporated RC0201 Datasheet HTML 4Page - TAITRON Components Incorporated RC0201 Datasheet HTML 5Page - TAITRON Components Incorporated RC0201 Datasheet HTML 6Page - TAITRON Components Incorporated RC0201 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 6 of 7
Thick Film Chip Resistor – General Purpose
RC0201
0201(inch): 0.6×0.3(mm)
cross to 0603(mm)
Resistance Value Code (in Ohm)
J series (E-24) 3 digit coding system
“000” for Jumper
F series (E-24/E-96) 4 digit coding system
Chip Resistor – General Purpose
Factory Location Code
Resistance Tolerance
J: ±5%;
(F: ±1%;
Available upon request)
Packing Code
BL: Bulk, RoHS
TR70: Tape and Reel, 7”reel, RoHS
How to Order
RC 0201 J 103 - xx - TR70


Numéro de pièce similaire - RC0201

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
RC0201 YAGEO-RC0201 Datasheet
314Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS
RC0201 YAGEO-RC0201 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0201 YAGEO-RC0201 Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
RC0201-R-SKE24L YAGEO-RC0201-R-SKE24L Datasheet
1,005Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0201BK-071ML YAGEO-RC0201BK-071ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Description similaire - RC0201

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
TAITRON Components Inco...
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
   Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
RC2010 TAITRON-RC2010 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
IRCIS00665-1 IRCTT-IRCIS00665-1 Datasheet
227Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012J000CS SAMSUNG-RC2012J000CS Datasheet
535Kb / 19P
   Thick Film Chip Resistor ( General )
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com