Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCE51A Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce LCE51A
Description  1500W Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LCE51A Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  LCE51A Datasheet HTML 1Page - TAITRON Components Incorporated LCE51A Datasheet HTML 2Page - TAITRON Components Incorporated LCE51A Datasheet HTML 3Page - TAITRON Components Incorporated LCE51A Datasheet HTML 4Page - TAITRON Components Incorporated LCE51A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH 2007-09-26
LCE6.5A – LCE90A
1500W Low Capacitance
Transient Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel:
(800)-TAITRON
(800)-247-2232
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1500W Low Capacitance Transient Voltage Suppressor
Features
• Stand-off voltage from 6.5 to 90 volts
• Low Capacitance
• 1500W Peak Pulse Power capability on 10/1000 μs waveform
repetition rate(duty cycle): 0.05%
• Fast response time: typically less than 1.0ps from 0v to VBR
• High temperature soldering guaranteed 265°C/10 seconds
/.037" (9.5mm) lead length, 5lbs (2.3kg),tension
• This series is UL recognized under component index. File number E315008
• RoHS Compliant
Mechanical Data
Case:
1.5KE, Molded plastic
Terminals:
Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity:
Cathode indicated by color band
Weight:
1.5 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
V WM
Stand-Off Voltage
6.5 to 90
V
PPPM
Peak Pulse Power Dissipation on 10/1000 us
waveform(Note 1)
Minimum 1500
W
IPPM
Peak Pulse current on 10/1000 us waveform(Note 1)
See Table
A
CJ
Max. Junction Capacitance at 0V
100
pf
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 to 175
° C
Notes:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
1.5KE


Numéro de pièce similaire - LCE51A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
LCE51A EIC-LCE51A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE51A NJSEMI-LCE51A Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE51A MICROSEMI-LCE51A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Anova Technologies CO.,...
LCE51A ANOVA-LCE51A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Littelfuse
LCE51A LITTELFUSE-LCE51A Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Description similaire - LCE51A

FabricantNo de pièceFiches techniqueDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com