Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSRL5016U4 Fiches technique(PDF) 2 Page - Wall Industries,Inc.

No de pièce PSRL5016U4
Description  Active PFC 400 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL5016U4 Fiches technique(HTML) 2 Page - Wall Industries,Inc.

  PSRL5016U4 Datasheet HTML 1Page - Wall Industries,Inc. PSRL5016U4 Datasheet HTML 2Page - Wall Industries,Inc. PSRL5016U4 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL5016U4 Series
Active PFC
400 Watt Single Output
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration 7.35 m/(s x s) on X, Y, and Z Axis.
Cooling
PSRL5016U4 Series (U-Chassis): 22CFM forced airflow to achieve maximum power.
PSRL5016E4 Series (Enclosed with built-in fan): Self cooled by built-in fan.
Fan Drive
12VDC/400mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
PSRL5016U4 Series (U-Chassis): 950g
PSRL5016E4 Series (Enclosed with built-in fan): 1050g
Dimensions
PSRL5016U4 Series (U-Chassis): 7(L) x 4(W) x 2(H) inches.
PSRL5016E4 Series (Enclosed with built-in fan): 8(L) x 4(W) x 2(H) inches.
Warranty
2 years
SAFETY
Emissions
FCC part15, CISPR 22 Class B, Conducted.
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark (LVD) EN61000-3-2,3, &
IEC61000-4 Series Regulations and CB.
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage Range
Preset Voltage
Output Current
Regulation
Ripple & Noise
PSRL5016U4-12
12 - 15 VDC
12 VDC
33.34A
±1%
±1%
PSRL5016U4-18
16 - 21 VDC
18 VDC
25A
±1%
±1%
PSRL5016U4-24
22 - 30 VDC
24 VDC
18.19A
±1%
±1%
PSRL5016U4-36
31 - 41 VDC
36 VDC
12.9A
±1%
±1%
PSRL5016U4-48
42 - 55 VDC
48 VDC
9.53A
±1%
±1%
NOTES
1. PSRL5016U4 Series is designated as PSRL5016xy-z where x = U (U-Chassis Type), y = 4 for output power of 400W, and
z = 12, 18, 24, 36, or 48 for output voltage.
2. PSRL5016E4 Series: Self-cooled by built-in fan; PSRL5016U4 Series: 22 CFM forced airflow to achieve maximum power.
3. Providing peak current for 500uS with standard models, longer duty duration should contact manufacture.
4. All output ranges are covered in agencies certification and preset voltage will be set as standard mode if any request other
than standard output then should contact us in advance.
5. 1% minimum load is required to maintain the ripple and regulation.
6. Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and 22µF
electrolytic capacitors.
7. Output is fully isolated.
8. Optional top cover available please call factory for ordering details.


Numéro de pièce similaire - PSRL5016U4

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
PSRL5016U4-12 WALL-PSRL5016U4-12 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSRL5016U4-18 WALL-PSRL5016U4-18 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSRL5016U4-24 WALL-PSRL5016U4-24 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSRL5016U4-36 WALL-PSRL5016U4-36 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSRL5016U4-48 WALL-PSRL5016U4-48 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
More results

Description similaire - PSRL5016U4

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
   Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
   75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
   1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
   500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com