Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TESN50A Fiches technique(PDF) 1 Page - Topstek Inc.

No de pièce TESN50A
Description  Topstek Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPSTEK [Topstek Inc.]
Site Internet  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TESN50A Fiches technique(HTML) 1 Page - Topstek Inc.

  TESN50A Datasheet HTML 1Page - Topstek Inc. TESN50A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TESN50A .. TESN600A
- 34 -
www.topstek.com
TESN
V080201
7/1/2008
TESN 50A~600A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TESN
50A
TESN
75A
TESN
100A
TESN
125A
TESN
150A
TESN
200A
TESN
250A
TESN
300A
TESN
400A
TESN
600A
Nominal Input Current
Ifn
A DC
50
75
100
125
150
200
250
300
400
600
Linear Range
Ifs
A DC
±150
±225
±300
±375
±450
±600
±750
±900
±1000 ±1000
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±15 mA max
Response Time (90%Vhn)
Tr
Psec
7
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.05 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within
±1.0 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
50g


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TES50A Topstek Current Transducers 1  2  Topstek Inc.
TEGA40A Topstek Current Transducers 1  2  Topstek Inc.
TPH25A Topstek Current Transducers 1  2  Topstek Inc.
TP25A Topstek Current Transducers 1  2  Topstek Inc.
TN40A Topstek Current Transducers 1  2  Topstek Inc.
TW25A Topstek Current Transducers 1  2  Topstek Inc.
HAC100 Current Transducers 1  2  3  LEM
HTB100-P_07 Current Transducers 1  2  LEM
HY5-P_06 Current Transducers 1  2  LEM
TU24P-250A Topstek AC Current Sensor 1  Topstek Inc.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn