Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PSRL0402M-I Fiches technique(PDF) 1 Page - Wall Industries,Inc.

No de pièce PSRL0402M-I
Description  400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0402M-I Fiches technique(HTML) 1 Page - Wall Industries,Inc.

  PSRL0402M-I Datasheet HTML 1Page - Wall Industries,Inc. PSRL0402M-I Datasheet HTML 2Page - Wall Industries,Inc. PSRL0402M-I Datasheet HTML 3Page - Wall Industries,Inc. PSRL0402M-I Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0402M-
I Series
400 Watt with Airflow
Forced Current Sharing Series
Single Output Medical Approved
AC/DC Medical Power Supply with Active PFC
FEATURES
● 2 Year Warranty
● N+1 Forced Active Current Sharing
● Both Medical & ITE Safety Approvals
● Power Factor Corrected to EN61000-3-2 Class D
● Providing Peak Power 700W within 500uS Duty Duration
● U-Chassis & Enclosed with Built-in Fan Mechanical Options
● Current Monitoring and Remote Voltage Adjustment (Margin)
● 1U Height Size and High Power Density: 6.25 Watts/cu Inches
SPECIFICATIONS: PSRL0402M-I Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC Full Range
Input Frequency
47 to 63Hz
Input Current
6.35A at 90VAC full load
Inrush Current
35A max @ 230VAC with full load and cold start.
Leakage Current
Medical degree 300µA; ITE degree 1.5mA.
Remote ON/OFF
Designated as RSW on the CN3, requires a low signal to inhibit output.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
400 Watts max with airflow. (See Notes 2 and 3)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
±1%
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-on/off not exceed 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Latching down will occur when output voltage exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Protected in the event of excessive operating ambient 85°C and automatic recovery.
Over-Power Protection
C.C. mode 110-140% and auto-recovery.
Input Voltage Protection
Power shut down under 80 ±5VAC, and recovered over 86VAC
Input Circuit Protection (Primary)
Two T8A/250V fuses inserted.
GENERAL SPECIFICATIONS
Switching Frequency
30KHz fixed frequency
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% minimum for other outputs @ 230VAC and full load.
Withstand Voltage
1500 VAC input line to chassis (2mA DC cut off current); 4000VAC between primary and secondary windings.
Primary to core 1500VAC. All for 3 seconds.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Active power factor correction meets EN61000-3-2 class D.
Power Good
Designated as PG on the CN3 will go high 100-500ms after regulation and goes low 1ms before loss of
regulation.
Power Supply On
Green LED designated as LED 1 on the PCB.
Grounding Test
Apply 40A from ground pin to the earthed connection point. Max allowable resistance is 0.1 ohm.
U Type: (U-Chassis): 8(L) x 5(W) x 1.6(H) inches.
E Type: (Enclosed with built-in fan): 9(L) x 5(W) x 1.6(H) inches.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn