Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSRL0402-I Fiches technique(PDF) 3 Page - Wall Industries,Inc.

No de pièce PSRL0402-I
Description  400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0402-I Fiches technique(HTML) 3 Page - Wall Industries,Inc.

  PSRL0402-I Datasheet HTML 1Page - Wall Industries,Inc. PSRL0402-I Datasheet HTML 2Page - Wall Industries,Inc. PSRL0402-I Datasheet HTML 3Page - Wall Industries,Inc. PSRL0402-I Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0402-
I Series
400 Watt with Airflow
Forced Current Sharing Series
Single Output Medical Approved
AC/DC Switching Power Supply with Active PFC
MECHANICAL DRAWINGS
PSRL0402U-
I Series (U-Chassis Type): 8(L) x 5(W) x 1.6(H) inches; Weight: 1.3kg; Option: Top Cover.
PSRL0402E-
I Series (Enclosed with built-in Fan Type): 9(L) x 5(W) x 1.6(H) inches; Weight: 1.6kg.
Output Pin Assignment
Howder
Molex
Vo+
Pins 1 – 3
Pins 1 – 8
Vo-
Pins 4 – 6
Pins 9 – 16


Numéro de pièce similaire - PSRL0402-I

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSRL0402D WALL-PSRL0402D Datasheet
293Kb / 4P
   400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC
PSRL0402DM WALL-PSRL0402DM Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402DMX-0312 WALL-PSRL0402DMX-0312 Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402DMX-0324 WALL-PSRL0402DMX-0324 Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
More results

Description similaire - PSRL0402-I

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
PSRL0402M-I WALL-PSRL0402M-I Datasheet
296Kb / 4P
   400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402 WALL-PSRL0402 Datasheet
286Kb / 4P
   400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC
PSRL0402M WALL-PSRL0402M Datasheet
287Kb / 4P
   400 Watt with Airflow Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL0402D WALL-PSRL0402D Datasheet
293Kb / 4P
   400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC
PSRL0402DM WALL-PSRL0402DM Datasheet
294Kb / 4P
   400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R8-NI WALL-PSRL5017R8-NI Datasheet
424Kb / 4P
   Up to 800 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R6-I WALL-PSRL5017R6-I Datasheet
341Kb / 3P
   Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5017R3-I WALL-PSRL5017R3-I Datasheet
210Kb / 3P
   Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com