Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT5251 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT5251
Description  Quad Digitally Programmable Potentiometer (DPP™) with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5251 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5251_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT5251_08 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT5251
Doc. No. MD-2017 Rev. F
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE CYCLE LIMITS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
RELIABILITY CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND
(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(1)
Latch-Up
JEDEC Standard 17
100
mA
Figure 1. Sychronous Data Timing
Note: Dashed Line = mode (1, 1)
Figure 2. HOLD
¯¯¯¯¯ Timing
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
VALID IN
VIH
VIL
IL
VIH
VIL
VIH
V
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
SCK
SI
SO
tRI
tFI
tCSS
CS
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT525_0711 Quad Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT524_07 Quad Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT523_07 Dual Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5401_07 Quad Digitally Programmable Potentiometers DPP™ with 64 Taps and SPI Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5241_08 Quad Digitally Programmable Potentiometer DPP™ with 64 Taps and I²C Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5132_08 16 Volt Digitally Programmable Potentiometer DPP™ with 128 Taps and I2C Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5269_07 Dual Digitally Programmable Potentiometers DPP™ with 256 Taps and 2-wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5221_08 Dual Digitally Programmable Potentiometer DPP™ with 64 Taps and I2C Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5133_08 16 Volt Digitally Programmable Potentiometer DPPTM with 128 Taps and an Increment Decrement Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5419_07 Dual Digitally Programmable Potentiometers DPP™ with 64 Taps and 2-wire Interface 1  2  3  4  5  More Catalyst Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn