Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT5221 Fiches technique(PDF) 5 Page - Catalyst Semiconductor

No de pièce CAT5221
Description  Dual Digitally Programmable Potentiometer (DPP™) with 64 Taps and I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5221 Fiches technique(HTML) 5 Page - Catalyst Semiconductor

  CAT5221_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5221_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5221
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-2113 Rev. K
Characteristics subject to change without notice
WRITE CYCLE LIMITS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase
cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the
device does not respond to its slave address.
RELIABILITY CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Reference Test Method
Min
Typ
Max
Units
NEND
(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH
(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Figure 1. Bus Timing
Figure 2. Write Cycle Timing
Figure 3. Start/Stop Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT5132_08 16 Volt Digitally Programmable Potentiometer DPP™ with 128 Taps and I2C Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT523_07 Dual Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT524_07 Quad Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5269_07 Dual Digitally Programmable Potentiometers DPP™ with 256 Taps and 2-wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5419_07 Dual Digitally Programmable Potentiometers DPP™ with 64 Taps and 2-wire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT525_0711 Quad Digitally Programmable Potentiometer DPP™ with 256 Taps and Microwire Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5133_08 16 Volt Digitally Programmable Potentiometer DPPTM with 128 Taps and an Increment Decrement Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5133 16 Volt Digitally Programmable Potentiometer DPP TM with 128 Taps and an Increment Decrement Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5411_07 Dual Digitally Programmable Potentiometers DPP TM with 64 Taps and SPI Interface 1  2  3  4  5  More Catalyst Semiconductor
CAT5401_07 Quad Digitally Programmable Potentiometers DPP™ with 64 Taps and SPI Interface 1  2  3  4  5  More Catalyst Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn