Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT5132 Fiches technique(PDF) 2 Page - Catalyst Semiconductor

No de pièce CAT5132
Description  16 Volt Digitally Programmable Potentiometer (DPP™) with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132 Fiches technique(HTML) 2 Page - Catalyst Semiconductor

  CAT5132_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT5132
2
Doc. No. MD-2124, Rev. E
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
SDA
GND
VCC
A1
A0
1
2
3
4
5
10
9
8
7
6
SCL
V+
RL
RW
RH
PIN DESCRIPTION
n
i
P
r
e
b
m
u
N
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
1A
D
Sn
i
p
a
t
a
D
l
a
i
r
e
S
l
a
n
o
i
t
c
e
r
i
d
i
B
-
t
u
p
t
u
O
/
t
u
p
n
I
a
t
a
D
l
a
i
r
e
S
s
i
h
T
.
2
3
1
5
T
A
C
e
h
t
f
o
t
u
o
d
n
a
o
t
n
i
a
t
a
d
r
e
f
s
n
a
r
t
o
t
d
e
s
u
r
e
h
t
o
h
t
i
w
d
'
R
O
e
r
i
w
e
b
n
a
c
d
n
a
O
/
I
n
i
a
r
D
-
n
e
p
O
n
a
s
i
.
s
O
/
I
)
r
o
t
c
e
ll
o
C
n
e
p
O
r
o
(
n
i
a
r
D
-
n
e
p
O
2D
N
Gd
n
u
o
r
G
3V
C
C
)
V
5
.
5
o
t
V
7
.
2
(
e
g
a
t
l
o
V
y
l
p
p
u
S
l
a
t
i
g
i
D
41
Ar
o
f
s
s
e
r
d
d
a
e
v
a
l
s
t
c
e
l
e
s
o
t
t
u
p
n
I
t
c
e
l
e
S
s
s
e
r
d
d
A
I2
.
s
u
b
C
50
Ar
o
f
s
s
e
r
d
d
a
e
v
a
l
s
t
c
e
l
e
s
o
t
t
u
p
n
I
t
c
e
l
e
S
s
s
e
r
d
d
A
I2
.
s
u
b
C
6R
H
r
e
t
e
m
o
i
t
n
e
t
o
p
e
h
t
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
h
g
i
H
7R
W
r
e
t
e
m
o
i
t
n
e
t
o
p
e
h
t
r
o
f
l
a
n
i
m
r
e
T
r
e
p
i
W
8R
L
r
e
t
e
m
o
i
t
n
e
t
o
p
e
h
t
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
w
o
L
9+
Vo
t
V
0
.
8
+
(
r
e
t
e
m
o
i
t
n
e
t
o
p
e
h
t
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
)
V
0
.
6
1
0
1L
C
SI
e
h
t
r
o
f
t
u
p
n
i
k
c
o
l
C
s
u
B
l
a
i
r
e
S
2
k
c
o
l
c
s
i
h
T
.
s
u
B
l
a
i
r
e
S
C
e
h
t
f
o
t
u
o
d
n
a
o
t
n
i
s
r
e
f
s
n
a
r
t
a
t
a
d
ll
a
k
c
o
l
c
o
t
d
e
s
u
s
i
2
3
1
5
T
A
C
MSOP 10-Pin Package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn