Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT5132 Fiches technique(PDF) 9 Page - Catalyst Semiconductor

No de pièce CAT5132
Description  16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132 Fiches technique(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5132_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 12Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT5132
9
Doc No. MD-2124, Rev. E
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Wiper Control Register (WCR) Description
The CAT5132 contains a 7-bit Wiper Control Register
which is decoded to select one of the 128 switches along
its resistor array. The WCR is a volatile register and is
written with the contents of the nonvolatile Data Register
(DR) on power-up. The Wiper Control Register loses its
contents when the CAT5132 is powered-down. The
contents of the WCR may be read or changed directly by
the host using a READ/WRITE command after addressing
the WCR (see Table 1 to access WCR). Since the
CAT5132 will only make use of the 7 LSB bits (The first
data bit, or MSB, is ignored) on write instructions and will
always come back as a “0” on read commands.
XXXXXXX
AX
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
A
P
S
1st byte
2nd byte
3rd byte
WCR(80h) selection
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
0
0
A
P
S
slave address byte
WCR address - 00h
data byte
111
A1
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
1st byte
2nd byte
3rd byte
ASP
WCR(80h) selection
T
S
0
1
0
1
1
00
0
A
00
0
0
0
0
0
0
SP
slave address byte
WCR address - 00h
increment (1) / decrement (0) bits
00
0
0
Ah
2
0
-
s
s
e
r
d
d
a
R
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
WCR(80h) selection
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
0
0
slave address byte
WCR address - 00h
T
S
0
1
0
1
0
00
1
A
0X
X
X
X
X
X
X
slave address byte
data byte
SP
1st byte
2nd byte
3rd byte
ASP
A write operation (see Table 3) requires a Start condition, followed by a valid slave address byte, a valid address byte
00h, a data byte and a STOP condition. After each of the three bytes the CAT5132 responds with an acknowledge.
At this time the data is written only to volatile registers, then the device enters its standby state.
An increment operation (see Table 4) requires a Start condition, followed by a valid increment address byte (01011),
a valid address byte 00h. After each of the two bytes, the CAT5132 responds with an acknowledge. At this time if the
data is high then the wiper is incremented or if the data is low the wiper is decremented at each clock. Once the stop
is issued then the device enters its standby state with the WCR data as being the last inc/dec position. Also, the wiper
position does not roll over but is limited to min and max positions.
A read operation (see Table 5) requires a Start condition, followed by a valid slave address byte for write, a valid address
byte 00h, a second START and a second slave address byte for read. After each of the three bytes, the CAT5132
responds with an acknowledge and then the device transmits the data byte. The master terminates the read operation
by issuing a STOP condition following the last bit of Data byte.
Table 3. WCR Write Operation
Table 4. WCR Increment/Decrement Operation
Table 5. WCR Read Operation


Numéro de pièce similaire - CAT5132_08

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_06 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
More results

Description similaire - CAT5132_08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221 Datasheet
249Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. M
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com