Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CAT5132 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT5132
Description  16 Volt Digitally Programmable Potentiometer (DPP™) with 128 Taps and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5132_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT5132_08 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT5132
6
Doc. No. MD-2124, Rev. E
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 2. Write Cycle Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 1. Bus Timing
TYPICAL PERFORMANCE CHARACTERISTICS (CONT)
Absolute Linearity Error per Tap Position
-1.000
-0.800
-0.600
-0.400
-0.200
0.000
0.200
0.400
0.600
0.800
1.000
0
1632
4864
8096
112
128
Tap position
Vcc=2.7V; V+=8v
Vcc=5.5V; V+=16V
Tamb = 25 C
Rtotal = 10K
Relative Linearity Error
-0.500
-0.400
-0.300
-0.200
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0
163248
6480
96
112
128
Tap position
Vcc=2.7V; V+=8V
Vcc=5.5V; V+=16V
Tamb = 25 C
Rtotal = 10K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn