Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE180NE10 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STE180NE10
Description  N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180NE10 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STE180NE10 Datasheet HTML 2Page - STMicroelectronics STE180NE10 Datasheet HTML 3Page - STMicroelectronics STE180NE10 Datasheet HTML 4Page - STMicroelectronics STE180NE10 Datasheet HTML 5Page - STMicroelectronics STE180NE10 Datasheet HTML 6Page - STMicroelectronics STE180NE10 Datasheet HTML 7Page - STMicroelectronics STE180NE10 Datasheet HTML 8Page - STMicroelectronics STE180NE10 Datasheet HTML 9Page - STMicroelectronics STE180NE10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STE180NE10
6/12
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area
Figure 2.
Thermal impedance
Figure 3.
Output characteristics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance


Numéro de pièce similaire - STE180NE10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
logo
Inchange Semiconductor ...
STE180NE10 ISC-STE180NE10 Datasheet
562Kb / 3P
   N-Channel MOSFET
More results

Description similaire - STE180NE10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
   N-channel 100V - 0.0045廓 - 220A - ISOTOP STripFET??Power MOSFET
STE180N10 STMICROELECTRONICS-STE180N10 Datasheet
85Kb / 8P
   N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10 Datasheet
297Kb / 8P
   N-CHANNEL 100V - 0.0045 W - 220A ISOTOP STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
logo
Fairchild Semiconductor
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L_07 Datasheet
283Kb / 13P
   N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
   N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com