Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7847SQN Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7847SQN
Description  LC2MOS Complete, Dual 12-Bit MDACs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7847SQN Fiches technique(HTML) 1 Page - Analog Devices

  AD7847SQN Datasheet HTML 1Page - Analog Devices AD7847SQN Datasheet HTML 2Page - Analog Devices AD7847SQN Datasheet HTML 3Page - Analog Devices AD7847SQN Datasheet HTML 4Page - Analog Devices AD7847SQN Datasheet HTML 5Page - Analog Devices AD7847SQN Datasheet HTML 6Page - Analog Devices AD7847SQN Datasheet HTML 7Page - Analog Devices AD7847SQN Datasheet HTML 8Page - Analog Devices AD7847SQN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Complete, Dual 12-Bit MDACs
AD7837/AD7847
FUNCTIONAL BLOCK DIAGRAMS
LS INPUT
LATCH
CONTROL
LOGIC
AGNDA
MS INPUT
LATCH
DAC LATCH A
DAC A
48
12
LDAC
A1
A0
CS
WR
RFBA
VOUTA
AD7837
DGND
DAC B
12
DAC LATCH B
48
LS INPUT
LATCH
MS INPUT
LATCH
AGNDB
RFBB
VOUTB
VSS
VDD
VREFA
VREFB
DB0
DB7
CONTROL
LOGIC
AGNDA
DAC LATCH A
DAC A
CSB
CSA
WR
VOUTA
AD7847
DGND
DAC B
DAC LATCH B
AGNDB
VOUTB
VSS
VDD
VREFA
VREFB
DB0
DB11
GENERAL DESCRIPTION
The AD7837/AD7847 is a complete, dual, 12-bit multiplying
digital-to-analog converter with output amplifiers on a mono-
lithic CMOS chip. No external user trims are required to
achieve full specified performance.
Both parts are microprocessor compatible, with high speed data
latches and interface logic. The AD7847 accepts 12-bit parallel
data which is loaded into the respective DAC latch using the
WR input and a separate Chip Select input for each DAC. The
AD7837 has a double-buffered 8-bit bus interface structure
with data loaded to the respective input latch in two write opera-
tions. An asynchronous
LDAC signal on the AD7837 updates
the DAC latches and analog outputs.
The output amplifiers are capable of developing
±10 V across a
2 k
Ω load. They are internally compensated with low input off-
set voltage due to laser trimming at wafer level.
The amplifier feedback resistors are internally connected to
VOUT on the AD7847.
The AD7837/AD7847 is fabricated in Linear Compatible CMOS
(LC
2MOS), an advanced, mixed technology process that com-
bines precision bipolar circuits with low power CMOS logic.
A novel low leakage configuration (U.S. Patent No. 4,590,456)
ensures low offset errors over the specified temperature range.
PRODUCT HIGHLIGHTS
1. The AD7837/AD7847 is a dual, 12-bit, voltage-out MDAC
on a single chip. This single chip design offers considerable
space saving and increased reliability over multichip designs.
2. The AD7837 and the AD7847 provide a fast versatile inter-
face to 8-bit or 16-bit data bus structures.
FEATURES
Two 12-Bit MDACs with Output Amplifiers
4-Quadrant Multiplication
Space-Saving 0.3", 24-Lead DIP and 24-Terminal
SOIC Package
Parallel Loading Structure: AD7847
(8 + 4) Loading Structure: AD7837
APPLICATIONS
Automatic Test Equipment
Function Generation
Waveform Reconstruction
Programmable Power Supplies
Synchro Applications
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Numéro de pièce similaire - AD7847SQN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7847SQ AD-AD7847SQ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847SQ AD-AD7847SQ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7847SQ AD-AD7847SQ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7847SQ AD-AD7847SQ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847SQ AD-AD7847SQ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
More results

Description similaire - AD7847SQN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com