Moteur de recherche de fiches techniques de composants électroniques |
|
CXZ49LFA06000H0QSWZZ Fiches technique(PDF) 8 Page - Kyocera Kinseki Corpotation |
|
CXZ49LFA06000H0QSWZZ Fiches technique(HTML) 8 Page - Kyocera Kinseki Corpotation |
8 / 27 page Features • Crystal unit for audio-visual, office equipment • Small and low profile (8.0x4.5x1.8mm) • Ceramic package • Product with lead free terminations • Reflow compatible Applications • Audio-Visual, Office Equipment Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 8.00.3 1.5 1.5 5.0 CONNECTION 6 . 6 2 . 4 2 . 4 How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies CX8045GB 30000 H0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 24576 27000 28636 30000 32000 36000 40000 24576.000 27000.000 28636.000 30000.000 32000.000 36000.000 40000.000 Specifications Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 7200 to 48000 Fundamental 50 50 Table 1 Table 2 12 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. 14318 16000 16384 16934 19660 20000 21477 24000 14318.180 16000.000 16384.000 16934.400 19660.800 20000.000 21477.720 24000.000 12pF 5010-6 10°C to 70°C 5010-6 H0 P E S ZZ Custom Specification Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range Table1 Motional Series Resistances Table2 Level of Drive Frequency Range Motional Series Resistance Units ohm 7200 to 9999kHz 10000 to 11999kHz 12000 to 48000kHz 200 150 50 Frequency Range Level of Drive Units W 7200 to 9999kHz 16000 to 24999kHz 25000 to 48000kHz 10 (500 max.) 10 (300 max.) 10 (100 max.) * Please inqurie about specifications other than the above. RoHS Compliant 8.0×4.5mm for Audio & Visual, Office Equipment Crystal Units Surface Mount Type CX8045GB (CX-8045G) - 41 - |
Description similaire - CXZ49LFA06000H0QSWZZ |