Moteur de recherche de fiches techniques de composants électroniques |
|
CX8045GB16000H0PESZZ Fiches technique(PDF) 2 Page - Kyocera Kinseki Corpotation |
|
CX8045GB16000H0PESZZ Fiches technique(HTML) 2 Page - Kyocera Kinseki Corpotation |
2 / 27 page Features • Reference frequency for telecommunication systems • Reflow compatible • Using ceramic package resulting in high reliability • Small and low profile Applications • Mobile Communications, Bluetooth, Wireless LAN Pb Free Specifications Table1 Motional Series Resistances Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 2.50.1 1.0 0.75 CONNECTION (TOP VIEW) NC HOT HOT GND #4 #3 #1 #2 #1 #2 #4 #3 1.2 1.2 0.5 Table2 Level of Drive #4 #3 #1 #2 Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 13560 to 60000 Fundamental 10 15 Table 1 Table 2 8 30 to 85 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX2520SB 32000 D0 F L J ZZ 8pF 1010-6 30°C to 85°C 1510-6 D0 F L J ZZ Custom Specification Code Freq.(kHz) Code Freq.(kHz) 13560 16000 18000 19200 24000 26000 13560.000 16000.000 18000.000 19200.000 24000.000 26000.000 27120 32000 38400 40000 44000 27120.000 32000.000 38400.000 40000.000 44000.000 Frequency Range Motional Series Resistance Units ohm 300 150 100 50 13560 to 15999kHz 16000 to 19999kHz 20000 to 39999kHz 40000 to 60000kHz Frequency Range Level of Drive Units 13560 to 60000kHz 10 (100 max.) W Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range * Please inqurie about specifications other than the above. RoHS Compliant 2.5×2.0mm for Mobile Communications, SRWI Crystal Units Surface Mount Type CX2520SB (CX-2520SB) - 35 - |
Numéro de pièce similaire - CX8045GB16000H0PESZZ |
|
Description similaire - CX8045GB16000H0PESZZ |