Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX5032SB40000F0FLJZZ Fiches technique(PDF) 4 Page - Kyocera Kinseki Corpotation

No de pièce CX5032SB40000F0FLJZZ
Description  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032SB40000F0FLJZZ Fiches technique(HTML) 4 Page - Kyocera Kinseki Corpotation

  CX5032SB40000F0FLJZZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX5032SB40000F0FLJZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Features
• Reference frequency
for telecommunication systems
• Reflow compatible
• Using ceramic package resulting
in high reliability
• Small and low profile
Applications
• Mobile Communications, Bluetooth,
Wireless LAN
Specifications
Table1 Motional Series Resistances
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
Table2 Level of Drive
3.6
1.3
1.3
3.20.1
1.2
CONNECTION
(TOP VIEW)
GND
HOT
HOT
GND
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
#4
#3
#1
#2
1.0
1.0
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
12000 to 54000
Fundamental
10
15
Table 1
Table 2
8
30 to 85
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX3225SB 26000 D0 F L J ZZ
8pF
1010-6
30°C to 85°C
1510-6
D0
F
L
J
ZZ
Custom Specification
Code
Freq.(kHz)
Code
Freq.(kHz)
12000
13000
13560
16000
19200
12000.000
13000.000
13560.000
16000.000
19200.000
20000
26000
32000
38400
40000
20000.000
26000.000
32000.000
38400.000
40000.000
Frequency Range
Motional Series Resistance
Units
ohm
300
200
100
50
12000 to 13999kHz
14000 to 15999kHz
16000 to 26999kHz
27000 to 54000kHz
Frequency Range
Level of Drive
Units
12000 to 54000kHz
10 (100 max.)
W
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
* Please inqurie about specifications other than the above.
Pb Free
RoHS Compliant
3.2×2.5mm for Mobile Communications, SRWI
Crystal Units
Surface Mount Type CX3225SB (CX-101F)
- 37 -


Numéro de pièce similaire - CX5032SB40000F0FLJZZ

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
CX5032SB KSS-CX5032SB Datasheet
70Kb / 1P
   Crystal units surface mount type
CX5032SB26000H0FLJZ1 KSS-CX5032SB26000H0FLJZ1 Datasheet
70Kb / 1P
   Crystal units surface mount type
More results

Description similaire - CX5032SB40000F0FLJZZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com